Electronic Components Datasheet Search
  English  ▼

X  

PC97307VUL Datasheet(PDF) 216 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307VUL
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307VUL Datasheet(HTML) 216 Page - National Semiconductor (TI)

Back Button PC97307VUL Datasheet HTML 210Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 211Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 212Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 213Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 214Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 215Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 216Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 217Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 218Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 216 / 218 page
background image
216
Glossary
www.national.com
STR
Status Register of the parallel port in SPP modes.
(Logical device 4, offset 01h.)
TDR
Tape Drive Register of the Floppy Disk Controller
(FDC). (Logical device 3, offset 03h.)
THR
Transmitter Holding Register for UART1 write oper-
ations only. (Logical device 6, offset 00h, divisor
latch registers not accessible, bit 7 of LCR = 0.)
TFIFO
Test FIFO for the parallel port in Extended Capabili-
ties Port (ECP) mode 110. (Logical device 4, offset
400h.)
TSR
Internal Transmitter Shift Register for UART1.
TV-Remote Mode
See Consumer Remote Control mode.
TXDR
Transmitter Data Register for write cycles for
UART2. (Logical device 5, bank 0, offset 00h.)
TXFLV
Transmission FIFO Level for UART2. (Logical de-
vices 5, bank 2, offset 06h.)
UART
Universal Asynchronous Receiver Transmitter. The
part supports two UARTs, UART1 and UART2.
They are identical in UART modes; UART2 in-
cludes infrared and DMA support.
WDCF
WATCHDOG Configuration register for Power Man-
agement module. (Logical device 8 at offset 06h.)
WDST
WATCHDOG Status register for Power Manage-
ment. (Logical device 8 at offset 07h.)
WDTO
WATCHDOG Time-Out register for Power Manage-
ment. (Logical device 8 at offset 05h.)
XDB
X-Bus Data Buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com