Electronic Components Datasheet Search
  English  ▼

X  

TLC5923DAP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5923DAP
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5923DAP Datasheet(HTML) 2 Page - Texas Instruments

  TLC5923DAP Datasheet HTML 1Page - Texas Instruments TLC5923DAP Datasheet HTML 2Page - Texas Instruments TLC5923DAP Datasheet HTML 3Page - Texas Instruments TLC5923DAP Datasheet HTML 4Page - Texas Instruments TLC5923DAP Datasheet HTML 5Page - Texas Instruments TLC5923DAP Datasheet HTML 6Page - Texas Instruments TLC5923DAP Datasheet HTML 7Page - Texas Instruments TLC5923DAP Datasheet HTML 8Page - Texas Instruments TLC5923DAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
TLC5923
SLVS550B – DECEMBER 2004 – REVISED JANUARY 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
TA
Package
Part Number(1)
32-pin, HTSSOP, PowerPAD™
TLC5923DAP
–40°C to 85°C
32-pin, 5 mm x 5 mm QFN
TLC5923RHB
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
TLC5923
UNIT
VCC
Supply voltage(2)
–0.3 to 6
V
IO
Output current (dc)
I(OUT0) to I(OUT15)
90
mA
VI
Input voltage range(2)
V(BLANK), V(XLAT), V(SCLK), V(SIN), V(MODE), V(IREF)
–0.3 to VCC + 0.3
V
V(SOUT), V(XERR)
–0.3 to VCC + 0.3
V
VO
Output voltage range(2)
V(OUT0) to V(OUT15)
-0.3 to 18
V
HBM (JEDEC JESD22-A114, Human Body Model)
2
kV
ESD rating
CDM (JEDEC JESD22-C101, Charged Device Model)
500
V
Tstg
Storage temperature range
–40 to 150
°C
HTSSOP (DAP)
42.54
mW/°C
Power dissipation rating at (or
above) TA = 25°C
(3)
QFN (RHB)
27.86
mW/°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
See SLMA002 for more information about PowerPAD™
RECOMMENDED OPERATING CONDITIONS—DC Characteristics
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
5.5
V
VO
Voltage applied to output, (Out0 - Out15)
17
V
VIH
High-level input voltage
0.8 VCC
VCC
V
VIL
Low-level input voltage
GND
0.2 VCC
V
IOH
High-level output current
VCC = 5 V at SOUT
–1
mA
IOL
Low-level output current
VCC = 5 V at SOUT, XERR
1
mA
IOLC
Constant output current
OUT0 to OUT15
80
mA
TA
Operating free-air temperature range
-40
85
°C
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: TLC5923


Similar Part No. - TLC5923DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5923DAP TI-TLC5923DAP Datasheet
246Kb / 15P
LED DRIVER
TLC5923DAP TI1-TLC5923DAP Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAPG4 TI1-TLC5923DAPG4 Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAPR TI-TLC5923DAPR Datasheet
246Kb / 15P
LED DRIVER
TLC5923DAPR TI1-TLC5923DAPR Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION
More results

Similar Description - TLC5923DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5923 TI1-TLC5923_16 Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION
logo
LDT Co., Ltd
LD1072 LDT-LD1072 Datasheet
527Kb / 34P
16-CH LED DRIVER WITH DOT CORRECTION
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112_1 Datasheet
611Kb / 18P
16-Channel LED Driver with Dot Correction and Greyscale PWM
logo
Texas Instruments
TLC5941 TI1-TLC5941_17 Datasheet
1Mb / 34P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5924 TI1-TLC5924_16 Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com