Electronic Components Datasheet Search
  English  ▼

X  

TLC5923DAP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5923DAP
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5923DAP Datasheet(HTML) 3 Page - Texas Instruments

  TLC5923DAP Datasheet HTML 1Page - Texas Instruments TLC5923DAP Datasheet HTML 2Page - Texas Instruments TLC5923DAP Datasheet HTML 3Page - Texas Instruments TLC5923DAP Datasheet HTML 4Page - Texas Instruments TLC5923DAP Datasheet HTML 5Page - Texas Instruments TLC5923DAP Datasheet HTML 6Page - Texas Instruments TLC5923DAP Datasheet HTML 7Page - Texas Instruments TLC5923DAP Datasheet HTML 8Page - Texas Instruments TLC5923DAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
TLC5923
www.ti.com
SLVS550B – DECEMBER 2004 – REVISED JANUARY 2013
RECOMMENDED OPERATING CONDITIONS—AC Characteristics
VCC = 3 V to 5.5 V, TA = -40°C to 85°C (unless otherwise noted)
MIN
TYP
MAX
UNIT
fSCLK
Clock frequency
SCLK
30
MHz
twh0, twl0 CLK pulse duration
SCLK=H/L
16
ns
twh1
XLAT pulse duration
XLAT=H
20
ns
tsu0
SIN to SCLK
(1)
10
tsu1
SLCK
↑ to XLAT↓(dot correction data)
10
tsu1a
Setup time
SCLK
↑to XLAT↑ (ON/OFF data)
10
ns
tsu2
MODE
↑↓ to SCLK↑
10
tsu3
MODE
↑↓ to XLAT↑
10
th0
SCLK
↑ to SIN
10
th1
XLAT
↓ to SCLK↑ (dot correction data)
10
th1a
Hold time
XLAT
↑ to SCLK↑ (ON/OFF data)
10
ns
th2
SCLK
↑to MODE↑↓
10
th3
XLAT
↓ to MODE↑↓
10
(1)
"
↑" and "↓" indicates a rising edge, and a falling edge respectively.
ELECTRICAL CHARACTERISTICS
VCC = 3 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –1 mA, SOUT
VCC –0.5
V
VOL
Low-level output voltage
IOL = 1 mA, SOUT
0.5
V
II
Input current
VI = VCC or GND, BLANK, XLAT, SCLK, SIN, MODE
–1
1
μA
No data transfer, All output OFF, VO = 1 V, R(IREF) = 10 kΩ
6
No data transfer, All output OFF, VO = 1 V, R(IREF) = 1.3
15
k
ICC
Supply current
mA
Data transfer 30 MHz, All output ON, VO = 1 V,
32
R(IREF) = 1.3 kΩ
Data transfer 30 MHz, All output ON, VO = 1 V,
36
65(1)
R(IREF) = 600 Ω
IOLC
Constant sink current
All output ON, VO = 1 V, R(IREF) = 600 Ω
70
80
90
mA
All output OFF, VO = 15 V, R(IREF) = 600 Ω, OUT0 to
ILO0
0.1
μA
OUT15
Leakage output current
ILO1
VXERR = 5.5 V, No TEF and LOD
10
μA
ΔIOLC0 Constant sink current error
All output ON, VO = 1 V, R(IREF) = 600 Ω, OUT0 to OUT15
±1%
±4%
device to device, averaged current from OUT0 to OUT15,
ΔIOLC1 Constant sink current error
±4%
±8.5%
R(IREF) = 600 Ω
All output ON, VO = 1 V, R(IREF) = 600 Ω,
ΔIOLC2 Line regulation
±1
±4
%/V
OUT0 to OUT15, VCC = 3 V to 5.5 V
All output ON, VO = 1 V to 3 V, R(IREF) = 600 Ω,
ΔIOLC3 Load regulation
±2
±6
%/V
OUT0 to OUT15
T(TEF)
Thermal error flag threshold
Junction temperature, rising temperature(2)
150
160
180
°C
V(LOD)
LED open detection threshold
0.3
0.4
V
V(IREF) Reference voltage output
R(IREF) = 600 Ω
1.20
1.24
1.28
V
(1)
Measured at device start-up temperature. Once the IC is operating (self heating), lower ICC values will be seen. See Figure 18.
(2)
Not tested. Specified by design.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TLC5923


Similar Part No. - TLC5923DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5923DAP TI-TLC5923DAP Datasheet
246Kb / 15P
LED DRIVER
TLC5923DAP TI1-TLC5923DAP Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAPG4 TI1-TLC5923DAPG4 Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAPR TI-TLC5923DAPR Datasheet
246Kb / 15P
LED DRIVER
TLC5923DAPR TI1-TLC5923DAPR Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION
More results

Similar Description - TLC5923DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5923 TI1-TLC5923_16 Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION
logo
LDT Co., Ltd
LD1072 LDT-LD1072 Datasheet
527Kb / 34P
16-CH LED DRIVER WITH DOT CORRECTION
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112_1 Datasheet
611Kb / 18P
16-Channel LED Driver with Dot Correction and Greyscale PWM
logo
Texas Instruments
TLC5941 TI1-TLC5941_17 Datasheet
1Mb / 34P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5924 TI1-TLC5924_16 Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com