Electronic Components Datasheet Search
  English  ▼

X  

TLC5923DAP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5923DAP
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5923DAP Datasheet(HTML) 4 Page - Texas Instruments

  TLC5923DAP Datasheet HTML 1Page - Texas Instruments TLC5923DAP Datasheet HTML 2Page - Texas Instruments TLC5923DAP Datasheet HTML 3Page - Texas Instruments TLC5923DAP Datasheet HTML 4Page - Texas Instruments TLC5923DAP Datasheet HTML 5Page - Texas Instruments TLC5923DAP Datasheet HTML 6Page - Texas Instruments TLC5923DAP Datasheet HTML 7Page - Texas Instruments TLC5923DAP Datasheet HTML 8Page - Texas Instruments TLC5923DAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
GND
BLANK
XLAT
SCLK
SIN
PGND
OUT0
OUT1
PGND
OUT2
OUT3
OUT4
OUT5
PGND
OUT6
OUT7
VCC
IREF
MODE
XERR
SOUT
PGND
OUT15
OUT14
PGND
OUT13
OUT12
OUT11
OUT10
PGND
OUT9
OUT8
THERMAL
PAD
OUT10
16
PGND
15
OUT9
14
OUT8
13
OUT7
12
OUT6
11
PGND
10
OUT5
9
XERR
25
MODE
26
IREF
27
VCC
28
GND
29
BLANK
30
XLAT
31
SCLK
32
RHB PACKAGE
(TOP VIEW)
(QFN)
DAP PACKAGE
(TOP VIEW)
TLC5923
SLVS550B – DECEMBER 2004 – REVISED JANUARY 2013
www.ti.com
DISSIPATION RATINGS
POWER RATING
DERATING FACTOR
POWER RATING
POWER RATING
PACKAGE
TA < 25°C
ABOVE TA = 25°C
TA = 70°C
TA = 85°C
32-pin HTSSOP with PowerPAD(1)
5318 mW
42.54 mW/°C
3403 mW
2765 mW
soldered
32-pin HTSSOP with PowerPAD(1)
2820 mW
22.56 mW/°C
1805 mW
1466 mW
unsoldered
32-pin QFN
3482 mW
27.86 mW/°C
2228 mW
1811 mW
(1)
The PowerPAD is soldered to the PCB with a 2 oz. copper trace. See SLMA002 for further information.
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr0
SOUT(see (1))
16
Rise time
ns
tr1
OUTn, VCC = 5 V, TA = 60°C, DCx = 7F (see
(2) )
10
30
tf0
SOUT (see (1))
16
Fall time
ns
tf1
OUTn, VCC = 5 V, TA = 60°C, DCx = 7F (see
(2))
10
30
tpd0
SCLK
↑ to SOUT↑ ↓ (see (3) (4))
30
tpd1
MODE
↑↓ to SOUT↑↓ (see (3))
30
tpd2
BLANK
↑↓ to OUT0↑↓ (see (5)), Sink current On/Off
60
Propagation delay time
ns
tpd3
XLAT
↑ to OUT0↑↓ (see (5))
60
tpd4
OUTn
↑↓ to XERR↑↓ (see (6))
1000
tpd5
XLAT
↑ to IOUT(dot-correction) (see
(7))
1000
td
Output delay time
OUTn
↑ to OUT(n+1)↑, OUTn ↓ to OUT(n+1)↓ (see (5))
14
22
30
ns
(1)
See Figure 4. Defined as from 10% to 90%
(2)
See Figure 5. Defined as from 10% to 90%
(3)
See Figure 4, Figure 14
(4)
"
↑" and "↓" indicates a rising edge, and a falling edge respectively.
(5)
See Figure 5 and Figure 14
(6)
See Figure 5, Figure 6, and Figure 14
(7)
See Figure 5
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: TLC5923


Similar Part No. - TLC5923DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5923DAP TI-TLC5923DAP Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5923DAP TI1-TLC5923DAP Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAPG4 TI1-TLC5923DAPG4 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAPR TI-TLC5923DAPR Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5923DAPR TI1-TLC5923DAPR Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
More results

Similar Description - TLC5923DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5923 TI1-TLC5923_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
logo
LDT Co., Ltd
LD1072 LDT-LD1072 Datasheet
527Kb / 34P
   16-CH LED DRIVER WITH DOT CORRECTION
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112_1 Datasheet
611Kb / 18P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
logo
Texas Instruments
TLC5941 TI1-TLC5941_17 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5924 TI1-TLC5924_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com