Electronic Components Datasheet Search
  English  ▼

X  

TLC5923DAP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5923DAP
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5923DAP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC5923DAP Datasheet HTML 5Page - Texas Instruments TLC5923DAP Datasheet HTML 6Page - Texas Instruments TLC5923DAP Datasheet HTML 7Page - Texas Instruments TLC5923DAP Datasheet HTML 8Page - Texas Instruments TLC5923DAP Datasheet HTML 9Page - Texas Instruments TLC5923DAP Datasheet HTML 10Page - Texas Instruments TLC5923DAP Datasheet HTML 11Page - Texas Instruments TLC5923DAP Datasheet HTML 12Page - Texas Instruments TLC5923DAP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
On/OffData
15
MSB
On/Off
OUT15
On/Off
OUT14
On/Off
OUT13
0
LSB
On/Off
OUT2
On/Off
OUT1
On/Off
OUT0
TLC5923
www.ti.com
SLVS550B – DECEMBER 2004 – REVISED JANUARY 2013
Output Enable
All OUTn channels of TLC5923 can switched off with one signal. When BLANK signal is set to high, all OUTn are
disabled, regardless of On/Off status of each OUTn. When BLANK is set to low, all OUTn work under normal
conditions.
Table 1. BLANK Signal Truth Table
BLANK
OUT0 - OUT15
LOW
Normal condition
HIGH
Disabled
Setting Channel On/Off Status
All OUTn channels of TLC5923 can be switched on or off independently. Each of the channels can be
programmed with a 1-bit word. On/Off data are entered for all channels at the same time. The complete On/Off
data format consists of 16 x 1-bit words, which form a 16-bit wide data packet. The channel data is put one after
another. All data is clocked in with MSB first. Figure 8 shows the On/Off data format.
Figure 8. On/Off Data Format
To input On/Off data into On/Off register MODE must be set to low. The internal input shift register is then set to
16 bit width. After all serial data is clocked in, a rising edge of XLAT is used to latch data into the On/Off register.
The ON/OFF register is an edge-triggered latch of XLAT signal. BLANK signal does not need to be high to latch
in new data. Figure 14 shows the On/Off data input timing chart.
Delay Between Outputs
The TLC5923 has graduated delay circuits between outputs. These delay circuits can be found in the constant
current block of the device (see Functional Block Diagram). The fixed delay time is 20 ns (typical), OUT0 has no
delay, OUT1 has 20 ns delay, OUT2 has 40 ns delay, etc. This delay prevents large inrush currents, which
reduce power supply bypass capacitor requirements when the outputs turn on. The delay works during switch on
and switch off of each output channel. LEDs that have not turned on before BLANK is pulled high will still turn on
and off at the determined delayed time regardless of the state of BLANK. Therefore, every LED will be
illuminated for the amount of time BLANK is low.
Serial Interface Data Transfer Rate
The TLC5923 includes a flexible serial interface, which can be connected to microcontroller or digital signal
processor. Only 3 pins are in required to input data into the device. The rising edge of SCLK signal shifts the
data from SIN pin to internal shift register. After all data is clocked in, a rising edge of XLAT latches the serial
data to the internal registers. All data is clocked in with MSB first. Multiple TLC5923 devices can be cascaded by
connecting SOUT pin of one device with SIN pin of following device. The SOUT pin can also be connected to
controller to receive LOD information from TLC5923.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TLC5923


Similar Part No. - TLC5923DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5923DAP TI-TLC5923DAP Datasheet
246Kb / 15P
LED DRIVER
TLC5923DAP TI1-TLC5923DAP Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAPG4 TI1-TLC5923DAPG4 Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAPR TI-TLC5923DAPR Datasheet
246Kb / 15P
LED DRIVER
TLC5923DAPR TI1-TLC5923DAPR Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION
More results

Similar Description - TLC5923DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112_1 Datasheet
611Kb / 18P
16-Channel LED Driver with Dot Correction and Greyscale PWM
logo
Texas Instruments
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
16-Channel LED Driver with Dot Correction and Greyscale PWM
logo
LDT Co., Ltd
LD1072 LDT-LD1072 Datasheet
527Kb / 34P
16-CH LED DRIVER WITH DOT CORRECTION
logo
Texas Instruments
TLC5923 TI1-TLC5923_16 Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5924 TI1-TLC5924_16 Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_17 Datasheet
1Mb / 34P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com