Electronic Components Datasheet Search
  English  ▼

X  

TLC5923DAP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5923DAP
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5923DAP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC5923DAP Datasheet HTML 6Page - Texas Instruments TLC5923DAP Datasheet HTML 7Page - Texas Instruments TLC5923DAP Datasheet HTML 8Page - Texas Instruments TLC5923DAP Datasheet HTML 9Page - Texas Instruments TLC5923DAP Datasheet HTML 10Page - Texas Instruments TLC5923DAP Datasheet HTML 11Page - Texas Instruments TLC5923DAP Datasheet HTML 12Page - Texas Instruments TLC5923DAP Datasheet HTML 13Page - Texas Instruments TLC5923DAP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
f_(SCLK) + 112
f_(update)
n
TLC5923
SIN
SOUT
OUT0
OUT15
SCLK
MODE
XLAT
BLANK
IREF
XERR
TLC5923
SIN
SOUT
OUT0
OUT15
SCLK
MODE
XLAT
BLANK
IREF
XERR
IC 0
IC n
5
SIN
SCLK
MODE
XLAT
BLANK
XERR
Controller
SOUT
100 k
100 nF
V(LED)
V(LED)
V(LED)
V(LED)
VCC
100 nF
VCC
VCC
TLC5923
SLVS550B – DECEMBER 2004 – REVISED JANUARY 2013
www.ti.com
Figure 9. Cascading Devices
Figure 9 shows a example application with n cascaded TLC5923 devices connected to a controller. The
maximum number of cascaded TLC5923 devices depends on application system and data transfer rate.
Equation 3 calculates the minimum data input frequency needed.
(3)
where:
f_(SCLK): The minimum data input frequency for SCLK and SIN.
f_(update): The update rate of the whole cascaded system.
n: The number of cascaded TLC5923 devices.
Operating Modes
The TLC5923 has different operating modes depending on MODE signal. Table 2 shows the available operating
modes. The values in the input shift registers, DC register and On/Off register are unknown just after power on.
The DC and On/Off register values should be properly stored through the serial interface before starting the
operation.
Table 2. TLC5923 Operating Modes Truth Table
MODE SIGNAL
INPUT SHIFT REGISTER
MODE
LOW
16 bit
On/Off Mode
HIGH
112 bit
Dot Correction Data Input Mode
10
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: TLC5923


Similar Part No. - TLC5923DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5923DAP TI-TLC5923DAP Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5923DAP TI1-TLC5923DAP Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAPG4 TI1-TLC5923DAPG4 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAPR TI-TLC5923DAPR Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5923DAPR TI1-TLC5923DAPR Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
More results

Similar Description - TLC5923DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5923 TI1-TLC5923_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
logo
LDT Co., Ltd
LD1072 LDT-LD1072 Datasheet
527Kb / 34P
   16-CH LED DRIVER WITH DOT CORRECTION
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112_1 Datasheet
611Kb / 18P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
logo
Texas Instruments
TLC5941 TI1-TLC5941_17 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5924 TI1-TLC5924_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com