Electronic Components Datasheet Search
  English  ▼

X  

TLC5923DAPG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5923DAPG4
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5923DAPG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC5923DAPG4 Datasheet HTML 2Page - Texas Instruments TLC5923DAPG4 Datasheet HTML 3Page - Texas Instruments TLC5923DAPG4 Datasheet HTML 4Page - Texas Instruments TLC5923DAPG4 Datasheet HTML 5Page - Texas Instruments TLC5923DAPG4 Datasheet HTML 6Page - Texas Instruments TLC5923DAPG4 Datasheet HTML 7Page - Texas Instruments TLC5923DAPG4 Datasheet HTML 8Page - Texas Instruments TLC5923DAPG4 Datasheet HTML 9Page - Texas Instruments TLC5923DAPG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
OUTn
51
15 pF
SOUT
15 pF
XERR
GND
20 W
SOUT
GND
10 W
VCC
INPUT
GND
400 W
TLC5923
SLVS550B – DECEMBER 2004 – REVISED JANUARY 2013
www.ti.com
PIN EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
(Note: Resistor values are equivalent resistance and not tested).
Figure 1. Input Equivalent Circuit (BLANK, XLAT, SCLK, SIN, MODE)
Figure 2. Output Equivalent Circuit
Figure 3. Output Equivalent Circuit (XERR)
PARAMETER MEASUREMENT INFORMATION
Figure 4. Test Circuit for tr0, tf0, tpd0, tpd1
Figure 5. Test Circuit for tr1, tf1, tpd2, tpd3, tpd5, td
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: TLC5923


Similar Part No. - TLC5923DAPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5923DAPG4 TI1-TLC5923DAPG4 Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION
More results

Similar Description - TLC5923DAPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112_1 Datasheet
611Kb / 18P
16-Channel LED Driver with Dot Correction and Greyscale PWM
logo
Texas Instruments
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
16-Channel LED Driver with Dot Correction and Greyscale PWM
logo
LDT Co., Ltd
LD1072 LDT-LD1072 Datasheet
527Kb / 34P
16-CH LED DRIVER WITH DOT CORRECTION
logo
Texas Instruments
TLC5923 TI1-TLC5923_16 Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5924 TI1-TLC5924_16 Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_17 Datasheet
1Mb / 34P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com