Electronic Components Datasheet Search
  English  ▼

X  

TLC5923DAPG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5923DAPG4
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5923DAPG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC5923DAPG4 Datasheet HTML 4Page - Texas Instruments TLC5923DAPG4 Datasheet HTML 5Page - Texas Instruments TLC5923DAPG4 Datasheet HTML 6Page - Texas Instruments TLC5923DAPG4 Datasheet HTML 7Page - Texas Instruments TLC5923DAPG4 Datasheet HTML 8Page - Texas Instruments TLC5923DAPG4 Datasheet HTML 9Page - Texas Instruments TLC5923DAPG4 Datasheet HTML 10Page - Texas Instruments TLC5923DAPG4 Datasheet HTML 11Page - Texas Instruments TLC5923DAPG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
DC15.0
105
DC15.6
111
DC14.6
104
MSB
DCOUT15
DC0.0
0
DC1.0
7
DC0.6
6
LSB
DCOUT0
DCOUT14 − DCOUT1
I
Outn +
I
MAX
DCn
127
I
MAX +
V
IREF
R
IREF
40
TLC5923
SLVS550B – DECEMBER 2004 – REVISED JANUARY 2013
www.ti.com
PRINCIPLES OF OPERATION
Setting Maximum Channel Current
The maximum output current per channel is set by a single external resistor, R(IREF), which is placed between
IREF and GND. The voltage on IREF is set by an internal band gap V(IREF) with a typical value of 1.24V. The
maximum channel current is equivalent to the current flowing through R(IREF) multiplied by a factor of 40. The
maximum output current per channel can be calculated by Equation 1:
(1)
where:
VIREF = 1.24V typ.
RIREF = User selected external resistor (RIREF should not be smaller than 600 Ω)
Figure 15 shows the maximum output current, IOLC, versus R(IREF) . In Figure 15, R(IREF) is the value of the
resistor between IREF terminal to ground, and IOLC is the constant output current of OUT0,.....OUT15. A variable
power supply may be connected to the IREF pin through a resistor to change the maximum output current per
channel. The maximum output per channel is 40 times the current flowing out of the IREF pin. The maximum
current from IREF equals 1.24V/600
Ω.
Setting Dot-Correction
The TLC5923 has the capability to fine adjust the current of each channel, OUT0 to OUT15 independently. This
is also called dot correction. This feature is used to adjust the brightness deviations of LED connected to the
output channels OUT0 to OUT15. Each of the 16 channels can be programmed with a 7-bit word. The channel
output can be adjusted in 128 steps from 0% to 100% of the maximum output current IMAX. Dot correction for all
channels must be entered at the same time. Equation 2 determines the output current for each OUTn:
(2)
where:
IMax = the maximum programmable current of each output
DCn = the programmed dot-correction value for output n (DCn = 0, 1, 2 ...127)
n = 0, 1, 2 ... 15
Dot correction data are entered for all channels at the same time. The complete dot correction data format
consists of 16 x 7-bit words, which forms a 112-bit wide serial data packet. The channel data is put one after
another. All data is clocked in with MSB first. Figure 7 shows the DC data format. The DC15.6 in Figure 7 stands
for the 6th most significant bit for output 15.
Figure 7. DC Data Format
To input data into dot correction register, MODE must be set to high. The internal input shift register is then set to
112 bit width. After all serial data is clocked in, a high level pulse of XLAT signal connects the serial data to the
dot correction register. The dot correction registers are level-triggered latches of XLAT signal. The serial data is
latched into the dot correction registers when XLAT goes low. The data in dot correction registers is held
constant when XLAT is low. BLANK signal does not need to be high to latch in new data. Since XLAT is a level-
triggered signal when MODE is high, SCLK and SIN must not be changed while XLAT is high. (Figure 14).
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: TLC5923


Similar Part No. - TLC5923DAPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5923DAPG4 TI1-TLC5923DAPG4 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
More results

Similar Description - TLC5923DAPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5923 TI1-TLC5923_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
logo
LDT Co., Ltd
LD1072 LDT-LD1072 Datasheet
527Kb / 34P
   16-CH LED DRIVER WITH DOT CORRECTION
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112_1 Datasheet
611Kb / 18P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
logo
Texas Instruments
TLC5941 TI1-TLC5941_17 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5924 TI1-TLC5924_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com