Electronic Components Datasheet Search
  English  ▼

X  

SPC560B40X Datasheet(PDF) 111 Page - STMicroelectronics

Part # SPC560B40X
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B40X Datasheet(HTML) 111 Page - STMicroelectronics

Back Button SPC560B40X Datasheet HTML 107Page - STMicroelectronics SPC560B40X Datasheet HTML 108Page - STMicroelectronics SPC560B40X Datasheet HTML 109Page - STMicroelectronics SPC560B40X Datasheet HTML 110Page - STMicroelectronics SPC560B40X Datasheet HTML 111Page - STMicroelectronics SPC560B40X Datasheet HTML 112Page - STMicroelectronics SPC560B40X Datasheet HTML 113Page - STMicroelectronics SPC560B40X Datasheet HTML 114Page - STMicroelectronics SPC560B40X Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 116 page
background image
DocID14619 Rev 13
111/116
SPC560B40x/50x, SPC560C40x/50x
Revision history
115
20-Jan-2010
5
Table: “Absolute maximum ratings”
–VDD_BV, VDD_ADC, VIN: changed max value
Table: ”Recommended operating conditions (3.3 V)”
–TVDD: deleted min value
Table: “Reset electrical characteristics“
– Changed footnotes 2 and 5
Table: “Voltage regulator electrical characteristics“
–CREGn: changed max value
–CDEC1: split into 2 rows
– Updated voltage values in footnote 3
Table: “Low voltage monitor electrical characteristics“
– Updated column Conditions
–VLVDLVCORL, VLVDLVBKPL: changed min/max value
Table: “Program and erase specifications“
–Tdwprogram: added initial max value
Table: “Flash module life“
– Retention: changed min value for blocks with 100K P/E cycles
Table: “Flash power supply DC electrical characteristics“
–IFREAD, IFMOD: added typ value
– Added a footnote
Added Section: “ NVUSRO[WATCHDOG_EN] field description“
Section 4.18: “ADC electrical characteristics“ has been moved up in hierarchy (it was
Section 4.18.5).
Table: “ ADC conversion characteristics“
–RAD: changed initial max value
Table: “On-chip peripherals current consumption“
– Removed min/max from the heading
– Changed unit of measurement and consequently rounded the values
15-Mar-2010
6
Internal release.
Table 55. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com