Electronic Components Datasheet Search
  English  ▼

X  

ST72561R7-Auto Datasheet(PDF) 183 Page - STMicroelectronics

Part # ST72561R7-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R7-Auto Datasheet(HTML) 183 Page - STMicroelectronics

Back Button ST72561R7-Auto Datasheet HTML 179Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 180Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 181Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 182Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 183Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 184Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 185Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 186Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 324 page
background image
ST72561-Auto
LINSCI serial communication interface (LIN master/slave)
Doc ID 12370 Rev 8
183/324
Figure 84.
LDIV read / write operations when LDUM = 0
Figure 85.
LDIV read / write operations when LDUM = 1
15.9.7
LINSCI clock tolerance
LINSCI clock tolerance when unsynchronized
When LIN slaves are unsynchronized (meaning no characters have been transmitted for a
relatively long time), the maximum tolerated deviation of the LINSCI clock is +/-15%.
If the deviation is within this range then the LIN synch break is detected properly when a
new reception occurs.
This is made possible by the fact that masters send 13 low bits for the LIN synch break,
which can be interpreted as 11 low bits (13 bits -15% = 11.05) by a “fast” slave and then
considered as a LIN synch break. According to the LIN specification, a LIN synch break is
valid when its duration is greater than tSBRKTS = 10. This means that the LIN synch break
must last at least 11 low bits.
MANT(7:0)
LDIV
FRAC(3:0)
LDIV_NOM
Baud Rate
Read LPR
Write LPFR
Update
at end of
Synch Field
FRAC(3:0)
MANT(7:0)
LDIV_MEAS
FRAC(3:0)
MANT(7:0)
Write LPR
Read LPFR
Generation
LIN Sync Field
Measurement
Write LPR
MANT(7:0)
LDIV
FRAC(3:0)
LDIV_NOM
Baud Rate
Read LPR
Write LPFR
Update
RDRF = 1
at end of
Synch Field
FRAC(3:0)
MANT(7:0)
LDIV_MEAS
FRAC(3:0)
MANT(7:0)
Write LPR
Read LPFR
Generation
LIN Sync Field
Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com