Electronic Components Datasheet Search
  English  ▼

X  

ST72561R7-Auto Datasheet(PDF) 224 Page - STMicroelectronics

Part # ST72561R7-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R7-Auto Datasheet(HTML) 224 Page - STMicroelectronics

Back Button ST72561R7-Auto Datasheet HTML 220Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 221Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 222Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 223Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 224Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 225Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 226Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 227Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 228Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 324 page
background image
beCAN controller (beCAN)
ST72561-Auto
224/324
Doc ID 12370 Rev 8
the software must release the output mailbox by setting the RFOM bit, so that a mailbox is
free to store the next valid message. Otherwise the next valid message received will cause a
loss of message.
Refer also to Message storage.
Overrun
Once the FIFO is in pending_3 state (that is, the three mailboxes are full) the next valid
message reception will lead to an overrun and a message will be lost. The hardware signals
the overrun condition by setting the FOVR bit in the CRFR register. Which message is lost
depends on the configuration of the FIFO:
●
If the FIFO lock function is disabled (RFLM bit in the CMCR register cleared) the last
message stored in the FIFO will be overwritten by the new incoming message. In this
case the latest messages will be always available to the application.
●
If the FIFO lock function is enabled (RFLM bit in the CMCR register set) the most
recent message will be discarded and the software will have the three oldest messages
in the FIFO available.
Reception related interrupts
On the storage of the first message in the FIFO - FMP[1:0] bits change from 00b to 01b - an
interrupt is generated if the FMPIE bit in the CIER register is set.
When the FIFO becomes full (that is, a third message is stored) the FULL bit in the CRFR
register is set and an interrupt is generated if the FFIE bit in the CIER register is set.
On overrun condition, the FOVR bit is set and an interrupt is generated if the FOVIE bit in
the CIER register is set.
17.4.3
Identifier filtering
In the CAN protocol the identifier of a message is not associated with the address of a node
but related to the content of the message. Consequently a transmitter broadcasts its
message to all receivers. On message reception a receiver node decides - depending on
the identifier value - whether the software needs the message or not. If the message is
needed, it is copied into the RAM. If not, the message must be discarded without
intervention by the software.
To fulfil this requirement, the beCAN controller provides six configurable and scalable filter
banks (0-5) in order to receive only the messages the software needs. This hardware
filtering saves CPU resources which would be otherwise needed to perform filtering by
software. Each filter bank consists of eight 8-bit registers, CFxR[0:7].
Scalable width
To optimize and adapt the filters to the application needs, each filter bank can be scaled
independently. Depending on the filter scale a filter bank provides:
●
One 32-bit filter for the STDID[10:0], IDE, EXTID[17:0] and RTR bits.
●
Two 16-bit filters for the STDID[10:0], RTR and IDE bits.
●
Four 8-bit filters for the STDID[10:3] bits. The other bits are considered as “don’t care”.
●
One 16-bit filter and two 8-bit filters for filtering the same set of bits as the 16 and 8-bit
filters described above.
Refer to Figure 102.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com