Electronic Components Datasheet Search
  English  ▼

X  

ST72561R7-Auto Datasheet(PDF) 254 Page - STMicroelectronics

Part # ST72561R7-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R7-Auto Datasheet(HTML) 254 Page - STMicroelectronics

Back Button ST72561R7-Auto Datasheet HTML 250Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 251Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 252Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 253Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 254Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 255Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 256Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 257Page - STMicroelectronics ST72561R7-Auto Datasheet HTML 258Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 324 page
background image
beCAN controller (beCAN)
ST72561-Auto
254/324
Doc ID 12370 Rev 8
Reset value: 0000 0000 (00h)
Note:
All bits of this register are set and cleared by software.
Bits 7:4 = Reserved. Forced to 0 by hardware.
Bit 3 = FMH5 Filter Mode High
Mode of the high registers of filter 5.
0: high registers are in mask mode
1: high registers are in identifier list mode
Bit 2 = FML5 Filter Mode Low
Mode of the low registers of filter 5.
0: low registers are in mask mode
1: low registers are in identifier list mode
Bit 1 = FMH4 Filter Mode High
Mode of the high registers of filter 4.
0: high registers are in mask mode
1: high registers are in identifier list mode
Bit 0 = FML4 Filter Mode Low
Mode of the low registers of filter 4.
0: low registers are in mask mode
1: low registers are in identifier list mode
Filter x register[7:0] (CFxR[7:0])
Read/ write
Reset value: Undefined
In all configurations:
Bits 7:0 = FB[7:0] Filter Bits
Identifier
Each bit of the register specifies the level of the corresponding bit of the expected identifier.
0: dominant bit is expected
1: recessive bit is expected
Mask
Each bit of the register specifies whether the bit of the associated identifier register must
match with the corresponding bit of the expected identifier or not.
0: don’t care, the bit is not used for the comparison
1: must match, the bit of the incoming identifier must have the same level has specified
in the corresponding identifier register of the filter.
7
0
0
0
0
0
FMH5
FML5
FMH4
FML4
7
0
FB7
FB6
FB5
FB4
FB3
FB2
FB1
FB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com