Electronic Components Datasheet Search
  English  ▼

X  

PI3749-00-EVAL1 Datasheet(PDF) 8 Page - Vicor Corporation

Part # PI3749-00-EVAL1
Description  Cool-Power짰 ZVS Switching Regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3749-00-EVAL1 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button PI3749-00-EVAL1 Datasheet HTML 4Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 5Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 6Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 7Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 8Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 9Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 10Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 11Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.8
vicorpower.com
Page 8 of 26
03/2017
800 927.9474
PI3749-x0
Electrical Characteristics (Cont.)
Specifications apply for the conditions -40°C < TJ < 115°C, VIN = 16V – 34V, VOUT = 24V, LEXT = 480nH[4], external CIN = COUT = 20µF,
unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
General Purpose Amplifier
Open Loop Gain
[5]
96
120
140
dB
Small Signal Gain-Bandwidth
[5]
5
7
12
MHz
Offset
-1
0.2
1
mV
Common Mode Input Range
-0.1
2.5
V
Differential Mode Input Range
2
V
Maximum Output Voltage
IDIFF = -1mA
VDR - 0.2V
V
Minimum Output Voltage
No Load
20
mV
Capacitive Load
for Stable Operation
[5]
0
100
pF
Slew Rate
10
V/µs
Output Current
-1
1
mA
Transconductance Error Amplifier
Reference
VREF
EAIN = EAO
1.667
1.7
1.734
V
Input Range
VEAIN
Note VEAIN_OV below
0
VDR
V
Maximum Output Voltage
3.45
4.0
V
Minimum Output Voltage
0
0.1
V
Transconductance
Factory Set
7.6
mS
Zero Resistor
Factory Set
7.0
k
Ω
EAO Output Current Sourcing
VEAO = 50mV, VEAIN = 0V
400
µA
EAO Output Current Sinking
VEAO = 2V, VEAIN = 5V
400
µA
Open Loop Gain
ROUT > 1MΩ [5]
70
80
dB
Control and Protection
Switching Frequency
FSW
VIN = VOUT = 24V, IOUT = 2A
800
kHz
Switching Frequency
FSW
VIN = 16V, VOUT = 12V, IOUT = 7A
480
kHz
VEAO Pulse Skip Threshold
VEAO_PST
VEAO to SGND
0.6
V
Control Node Range
VRAMP
0
3.3
V
VEAO Overload Threshold
VEAO_OL
VEAO to SGND
3.2
3.4
V
Overload Timeout
TOL
VEAO > VEAO_OL
1
ms
VOUT Slow Current Limit
VOUT_SCL
10µs time constant
18
A
VEAIN Output Overvoltage Threshold
VEAIN_OV
VEAIN > VEAIN_OV
2.04
V
Overtemperature Fault Threshold
TOTP
[5]
125
129
°C
Overtemperature Restart Hysteresis
TOPT_HYS
[5]
30
°C
VOUT Negative Fault Threshold
-0.35
-0.25
-0.15
V
[4] See Inductor Pairing section.
[5] Assured to meet performance specification by design, test correlation, characterization, and/or statistical process control.
[6] Output current capability varies with input & output voltage. See performance curves in Figures 15 – 17.


Similar Part No. - PI3749-00-EVAL1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3749-00-LGIZ VICOR-PI3749-00-LGIZ Datasheet
867Kb / 26P
16V to 34VIN, 12V to 28VOUT, 120W Cool-Power ZVS Buck-Boost
PI3749-00-LGIZ VICOR-PI3749-00-LGIZ Datasheet
989Kb / 26P
16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
PI3749-00-LGIZ VICOR-PI3749-00-LGIZ Datasheet
827Kb / 27P
16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
More results

Similar Description - PI3749-00-EVAL1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ_16 Datasheet
3Mb / 22P
Cool-Power ZVS Isolated DC-DC Converter Modules
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ_16 Datasheet
3Mb / 22P
Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-01-HVIZ VICOR-PI3106-01-HVIZ_16 Datasheet
2Mb / 18P
Cool-Power ZVS Isolated DC-DC Converter Modules
PI3303-00-EVAL1 VICOR-PI3303-00-EVAL1 Datasheet
2Mb / 42P
Cool-Power짰 ZVS Switching Regulators
PI3545-00-EVAL1 VICOR-PI3545-00-EVAL1 Datasheet
1Mb / 39P
Cool-Power짰 ZVS Switching Regulators
PI352X-00 VICOR-PI352X-00 Datasheet
1Mb / 34P
30VIN to 60VIN Cool-Power ZVS Buck Regulator
PI332X-00 VICOR-PI332X-00 Datasheet
898Kb / 27P
14 ??42VIN Cool-Power ZVS Buck Regulator
PI352X-00 VICOR-PI352X-00_18 Datasheet
1Mb / 41P
30 ??60VIN Cool-Power ZVS Buck Regulator
PI3302-00-BGIZ VICOR-PI3302-00-BGIZ_18 Datasheet
948Kb / 19P
8V to 36VIN Cool-Power ZVS Buck Regulator
PI358X-00 VICOR-PI358X-00 Datasheet
1Mb / 45P
30 ??60VIN Cool-Power ZVS Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com