Electronic Components Datasheet Search
  English  ▼

X  

PI3749-00-EVAL1 Datasheet(PDF) 9 Page - Vicor Corporation

Part # PI3749-00-EVAL1
Description  Cool-Power짰 ZVS Switching Regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3749-00-EVAL1 Datasheet(HTML) 9 Page - Vicor Corporation

Back Button PI3749-00-EVAL1 Datasheet HTML 5Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 6Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 7Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 8Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 9Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 10Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 11Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 12Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.8
vicorpower.com
Page 9 of 26
03/2017
800 927.9474
PI3749-x0
Electrical Characteristics (Cont.)
Specifications apply for the conditions -40°C < TJ < 115°C, VIN = 16V - 34V, VOUT = 24V, LEXT = 480nH[4], external CIN = COUT = 20µF,
unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Soft Start and Tracking Function
TRK Active Range
Nominal
0
1.7
V
TRK Disable Threshold
20
40
70
mV
TRK Internal Capacitance
0.047
µF
Soft Start Charge Current
30
50
70
µA
Soft Start Discharge Current
VTRK = 0.5V
8.5
mA
Soft Start Time
tSS
Ext CSS = 0µF
1.6
ms
Enable
Enable High Threshold
ENIH
0.9
1
1.1
V
Enable Low Threshold
ENIL
0.7
0.8
0.9
V
Enable Threshold Hysteresis
ENHYS
100
200
300
mV
Enable Pin Bias Current
VEN = 0V or VEN = 2V
-50
µA
Enable Pull-Up Voltage
Floating
2.0
V
Fault Restart Delay Time
tFR_DLY
30
ms
Digital Signals
SYNCI Threshold Rising
VDR = 5.1V
3.1
V
SYNCI Threshold Falling
VDR = 5.1V
2.2
V
SYNCO High
SYNCOOH
VDR - 0.5
VDR
V
SYNCO Low
SYNCOOL
ISYNCOUT = 1mA
0.5
V
PGD High Leakage
PGDILH
VPGD = VDR
10
µA
PGD Output Low
PGDOL
IPGD = 4mA
0.4
V
PGD EAIN Low Rise
1.41
1.45
1.48
V
PGD EAIN Low Fall
1.36
1.41
1.46
V
PGD EAIN Threshold Hysteresis
35
mV
PGD EAIN High
1.94
2.04
2.14
V
I2C Digital Signals (PI3749-20 only)
I2C™ Address High Threshold
VADRx-HI
3.872
4.59
V
I2C Address Mid Threshold
VADRx-MID
1.452
3.752
V
I2C Address Low Threshold
VADRx-LOW
0.51
1.072
V
I2C Address Resistance,
Within Mid Thresholds
RADRx-MID
Resistance to 2.5V, when ADRx pin voltage
within VADRx_MID
10
V
I2C Address Resistance,
Outside Mid Thresholds
RADRx-MID
Resistance to 2.5V, when ADRx pin voltage
outside range of VADRx_MID
200
V
SCL, SDA In High
VSER_IH
2.1
V
SCL, SDA In Low
VSER_IL
1.5
V
SDA Out Low
VSER_OL
Sinking up to 3mA
0.4
V
SCL, SDA Pull-Down Current
ISER_I
Weak pull-down current to SGND
10
V
[4] See Inductor Pairing section.
[5] Assured to meet performance specification by design, test correlation, characterization, and/or statistical process control.
[6] Output current capability varies with input & output voltage. See performance curves in Figures 15 – 17.


Similar Part No. - PI3749-00-EVAL1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3749-00-LGIZ VICOR-PI3749-00-LGIZ Datasheet
867Kb / 26P
16V to 34VIN, 12V to 28VOUT, 120W Cool-Power ZVS Buck-Boost
PI3749-00-LGIZ VICOR-PI3749-00-LGIZ Datasheet
989Kb / 26P
16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
PI3749-00-LGIZ VICOR-PI3749-00-LGIZ Datasheet
827Kb / 27P
16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
More results

Similar Description - PI3749-00-EVAL1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ_16 Datasheet
3Mb / 22P
Cool-Power ZVS Isolated DC-DC Converter Modules
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ_16 Datasheet
3Mb / 22P
Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-01-HVIZ VICOR-PI3106-01-HVIZ_16 Datasheet
2Mb / 18P
Cool-Power ZVS Isolated DC-DC Converter Modules
PI3303-00-EVAL1 VICOR-PI3303-00-EVAL1 Datasheet
2Mb / 42P
Cool-Power짰 ZVS Switching Regulators
PI3545-00-EVAL1 VICOR-PI3545-00-EVAL1 Datasheet
1Mb / 39P
Cool-Power짰 ZVS Switching Regulators
PI352X-00 VICOR-PI352X-00 Datasheet
1Mb / 34P
30VIN to 60VIN Cool-Power ZVS Buck Regulator
PI332X-00 VICOR-PI332X-00 Datasheet
898Kb / 27P
14 ??42VIN Cool-Power ZVS Buck Regulator
PI352X-00 VICOR-PI352X-00_18 Datasheet
1Mb / 41P
30 ??60VIN Cool-Power ZVS Buck Regulator
PI3302-00-BGIZ VICOR-PI3302-00-BGIZ_18 Datasheet
948Kb / 19P
8V to 36VIN Cool-Power ZVS Buck Regulator
PI358X-00 VICOR-PI358X-00 Datasheet
1Mb / 45P
30 ??60VIN Cool-Power ZVS Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com