Electronic Components Datasheet Search
  English  ▼

X  

PI3749-00-EVAL1 Datasheet(PDF) 2 Page - Vicor Corporation

Part # PI3749-00-EVAL1
Description  Cool-Power짰 ZVS Switching Regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3749-00-EVAL1 Datasheet(HTML) 2 Page - Vicor Corporation

  PI3749-00-EVAL1 Datasheet HTML 1Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 2Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 3Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 4Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 5Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 6Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 7Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 8Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.8
vicorpower.com
Page 2 of 26
03/2017
800 927.9474
PI3749-x0
Contents
Order Information
3
Absolute Maximum Ratings
3
Pin Description
4
Package Pin-Out
5
Large Pin Blocks
5
Storage and Handling Information
6
Block Diagram
6
Electrical Characteristics
7
Performance Characteristics TA = 25°C
10
Efficiency & Power Loss TA = 25°C
12
Safe Operating Area TA = 25°C
12
Thermal De-Rating
13
MTBF
14
Functional Description
15
Enable
15
Switching Frequency Synchronization
15
Soft-Start and Tracking
15
Remote Sensing Differential Amplifier
15
Power Good
15
Output Current Limit Protection
15
Input Undervoltage Lockout
15
Input Overvoltage Lockout
15
Output Overvoltage Protection
15
Overtemperature Protection
16
Pulse Skip Mode (PSM)
16
Variable Frequency Operation
16
IMON Amplifier
16
I2C Interface Operation
16
Applications Information
17
Input / Output Range Limitation
17
Output Voltage Trim
17
Soft-Start Adjustment and Tracking
17
Inductor Pairing
17
Thermal De-rating
17
Filter Considerations
17
Parallel Operation
18
I2C Addressing
20
I2C Command Structure
20
I2C Parameter Readback
21
Fault Monitoring
21
I2C Volatile Addresses for Parameter Programming
21
MRGN: Margin Control
22
Package Drawings
23
Receiving PCB Pattern Design Recommendations
24
Revision History
25
Product Warranty
26


Similar Part No. - PI3749-00-EVAL1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3749-00-LGIZ VICOR-PI3749-00-LGIZ Datasheet
867Kb / 26P
16V to 34VIN, 12V to 28VOUT, 120W Cool-Power ZVS Buck-Boost
PI3749-00-LGIZ VICOR-PI3749-00-LGIZ Datasheet
989Kb / 26P
16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
PI3749-00-LGIZ VICOR-PI3749-00-LGIZ Datasheet
827Kb / 27P
16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
More results

Similar Description - PI3749-00-EVAL1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ_16 Datasheet
3Mb / 22P
Cool-Power ZVS Isolated DC-DC Converter Modules
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ_16 Datasheet
3Mb / 22P
Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-01-HVIZ VICOR-PI3106-01-HVIZ_16 Datasheet
2Mb / 18P
Cool-Power ZVS Isolated DC-DC Converter Modules
PI3303-00-EVAL1 VICOR-PI3303-00-EVAL1 Datasheet
2Mb / 42P
Cool-Power짰 ZVS Switching Regulators
PI3545-00-EVAL1 VICOR-PI3545-00-EVAL1 Datasheet
1Mb / 39P
Cool-Power짰 ZVS Switching Regulators
PI352X-00 VICOR-PI352X-00 Datasheet
1Mb / 34P
30VIN to 60VIN Cool-Power ZVS Buck Regulator
PI332X-00 VICOR-PI332X-00 Datasheet
898Kb / 27P
14 ??42VIN Cool-Power ZVS Buck Regulator
PI352X-00 VICOR-PI352X-00_18 Datasheet
1Mb / 41P
30 ??60VIN Cool-Power ZVS Buck Regulator
PI3302-00-BGIZ VICOR-PI3302-00-BGIZ_18 Datasheet
948Kb / 19P
8V to 36VIN Cool-Power ZVS Buck Regulator
PI358X-00 VICOR-PI358X-00 Datasheet
1Mb / 45P
30 ??60VIN Cool-Power ZVS Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com