Electronic Components Datasheet Search
  English  ▼

X  

PI3749-00-EVAL1 Datasheet(PDF) 5 Page - Vicor Corporation

Part # PI3749-00-EVAL1
Description  Cool-Power짰 ZVS Switching Regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3749-00-EVAL1 Datasheet(HTML) 5 Page - Vicor Corporation

  PI3749-00-EVAL1 Datasheet HTML 1Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 2Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 3Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 4Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 5Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 6Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 7Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 8Page - Vicor Corporation PI3749-00-EVAL1 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.8
vicorpower.com
Page 5 of 26
03/2017
800 927.9474
PI3749-x0
Large Pin Blocks
Pin Block Name
Group of pins
VIN
K1-2, J1-2, H1-2, G1-2
VS1
K4-5, J4-5, H4-5, G4-5
PGND
K7-8, J7-8, H7-8, G7-8, F7-8, E2-9, D2-9, C2-9, B2-9
VS2
K10-11, J10-11, H10-11, G10-11
VOUT
K13-14, J13-14, H13-14, G13-14
SGND
E10-12, D10-12, C10-12, B10-14
1
2
3
4
5
6
7
8
9
10
11
12
13
14
SGND
SGND
SGND
SGND
SGND
SGND
SGND
SGND
SGND
SGND
SGND
SGND
SGND
SGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
IMON
FT1
FT2
FT3
FT4
EN
TRK
LGH
COMP
VSN
VSP
VDIFF
EAIN
EAO
VIN
VDR
PGD
SYNC0
SYNCI
VS1
VIN
VIN
VIN
VIN
VIN
VIN
VIN
VS1
VS1
VS1
VS1
VS1
VOUT
ISP
ISN
VOUT
VOUT
VOUT
VOUT
VOUT
VOUT
VS2
VOUT
VS2
VS2
VS2
VS2
VS2
VS2
VS2
VS1
VS1
Package Pin-Out


Similar Part No. - PI3749-00-EVAL1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3749-00-LGIZ VICOR-PI3749-00-LGIZ Datasheet
867Kb / 26P
16V to 34VIN, 12V to 28VOUT, 120W Cool-Power ZVS Buck-Boost
PI3749-00-LGIZ VICOR-PI3749-00-LGIZ Datasheet
989Kb / 26P
16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
PI3749-00-LGIZ VICOR-PI3749-00-LGIZ Datasheet
827Kb / 27P
16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
More results

Similar Description - PI3749-00-EVAL1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ_16 Datasheet
3Mb / 22P
Cool-Power ZVS Isolated DC-DC Converter Modules
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ_16 Datasheet
3Mb / 22P
Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-01-HVIZ VICOR-PI3106-01-HVIZ_16 Datasheet
2Mb / 18P
Cool-Power ZVS Isolated DC-DC Converter Modules
PI3303-00-EVAL1 VICOR-PI3303-00-EVAL1 Datasheet
2Mb / 42P
Cool-Power짰 ZVS Switching Regulators
PI3545-00-EVAL1 VICOR-PI3545-00-EVAL1 Datasheet
1Mb / 39P
Cool-Power짰 ZVS Switching Regulators
PI352X-00 VICOR-PI352X-00 Datasheet
1Mb / 34P
30VIN to 60VIN Cool-Power ZVS Buck Regulator
PI332X-00 VICOR-PI332X-00 Datasheet
898Kb / 27P
14 ??42VIN Cool-Power ZVS Buck Regulator
PI352X-00 VICOR-PI352X-00_18 Datasheet
1Mb / 41P
30 ??60VIN Cool-Power ZVS Buck Regulator
PI3302-00-BGIZ VICOR-PI3302-00-BGIZ_18 Datasheet
948Kb / 19P
8V to 36VIN Cool-Power ZVS Buck Regulator
PI358X-00 VICOR-PI358X-00 Datasheet
1Mb / 45P
30 ??60VIN Cool-Power ZVS Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com