Electronic Components Datasheet Search
  English  ▼

X  

S3C72G9 Datasheet(PDF) 44 Page - Samsung semiconductor

Part # S3C72G9
Description  SAM47 INSTRUCTION SET
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C72G9 Datasheet(HTML) 44 Page - Samsung semiconductor

Back Button S3C72G9 Datasheet HTML 40Page - Samsung semiconductor S3C72G9 Datasheet HTML 41Page - Samsung semiconductor S3C72G9 Datasheet HTML 42Page - Samsung semiconductor S3C72G9 Datasheet HTML 43Page - Samsung semiconductor S3C72G9 Datasheet HTML 44Page - Samsung semiconductor S3C72G9 Datasheet HTML 45Page - Samsung semiconductor S3C72G9 Datasheet HTML 46Page - Samsung semiconductor S3C72G9 Datasheet HTML 47Page - Samsung semiconductor S3C72G9 Datasheet HTML 48Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 96 page
background image
 


/+)-,&'
BXOR
C,src.b
Operation:
Operand
Operation Summary
Bytes
Cycles
C,mema.b
Exclusive-OR carry with memory bit
2
2
C,memb.@L
2
2
C,@H+DA.b
2
2
Description:
The specified bit of the source is logically XORed with the carry bit value. The resultant bit is
written to the carry flag. The source value is unaffected.
Operand
Binary Code
Operation Notation
C,mema.b

1
1
1
1
0
1
1
1
C
← C XOR mema.b
C,memb.@L
1
1
1
1
0
1
1
1
C
← C XOR [memb.7-2 + L.3-2].
[L.1-0]
0
1
0
0
a5
a4
a3
a2
C,@H+DA.b
1
1
1
1
0
1
1
1
C
← C XOR [H + DA.3-0].b
0
0
b1
b0
a3
a2
a1
a0
Second Byte
Bit Addresses
 mema.b
1
0
b1
b0
a3
a2
a1
a0 FB0H-FBFH
1
1
b1
b0
a3
a2
a1
a0 FF0H-FFFH
Examples:
1. The carry flag is logically XORed with the P1.0 value:
RCF
; C
← "0"
BXOR
C,P1.0
; If P1.0 = "1", then C
← "1"; if P1.0 = "0", then C ← "0"
2. The P1 address is FF1H and register L contains the value 1H (0001B). The address (memb.7-
2) is 111100B and (L.3-2) = 00B. The resulting address is 11110000B or FF0H, specifying P0.
The bit value for the BXOR instruction, (L.1-0) is 01B which specifies bit 1. Therefore, P1.@L
= P0.1:
LD
L,#0001B
BXOR
C,P0.@L
; P1.@L is specified as P0.1; C XOR P0.1


Similar Part No. - S3C72G9

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C72G9 SAMSUNG-S3C72G9 Datasheet
181Kb / 28P
The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
More results

Similar Description - S3C72G9

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7574 SAMSUNG-S3C7574 Datasheet
150Kb / 33P
Product Overview Address Spaces Addressing Modes Memory Map SAM47 Instruction Set
logo
STMicroelectronics
STLUX385 STMICROELECTRONICS-STLUX385 Datasheet
171Kb / 10P
Extended instruction set
February 2013 Rev 2
STM8S007C8 STMICROELECTRONICS-STM8S007C8 Datasheet
1Mb / 92P
Extended instruction set
March 2015 Rev 5
STM8S005C6 STMICROELECTRONICS-STM8S005C6 Datasheet
1Mb / 97P
Extended instruction set
March 2015 Rev 4
STM8S003F3 STMICROELECTRONICS-STM8S003F3 Datasheet
1Mb / 104P
Extended instruction set
May 2017 Rev 9
STM8S105C4 STMICROELECTRONICS-STM8S105C4 Datasheet
1Mb / 121P
Extended instruction set
September 2015 Rev 15
logo
Samsung semiconductor
S3C9442 SAMSUNG-S3C9442 Datasheet
259Kb / 50P
SAM88RCRI INSTRUCTION SET
logo
Freescale Semiconductor...
S9S08DZ32F1CLH FREESCALE-S9S08DZ32F1CLH Datasheet
2Mb / 416P
HC08 instruction set with added BGND instruction
logo
STMicroelectronics
ST20-C1 STMICROELECTRONICS-ST20-C1 Datasheet
856Kb / 205P
Instruction Set Reference Manual
logo
Freescale Semiconductor...
MC9S08GW64 FREESCALE-MC9S08GW64_11 Datasheet
1,011Kb / 42P
HC08 instruction set with added BGND instruction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com