Electronic Components Datasheet Search
  English  ▼

X  

S3C72G9 Datasheet(PDF) 61 Page - Samsung semiconductor

Part # S3C72G9
Description  SAM47 INSTRUCTION SET
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C72G9 Datasheet(HTML) 61 Page - Samsung semiconductor

Back Button S3C72G9 Datasheet HTML 57Page - Samsung semiconductor S3C72G9 Datasheet HTML 58Page - Samsung semiconductor S3C72G9 Datasheet HTML 59Page - Samsung semiconductor S3C72G9 Datasheet HTML 60Page - Samsung semiconductor S3C72G9 Datasheet HTML 61Page - Samsung semiconductor S3C72G9 Datasheet HTML 62Page - Samsung semiconductor S3C72G9 Datasheet HTML 63Page - Samsung semiconductor S3C72G9 Datasheet HTML 64Page - Samsung semiconductor S3C72G9 Datasheet HTML 65Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 96 page
background image

 

  ))!%+'-!'
CALL
dst
Operation:
Operand
Operation Summary
Bytes
Cycles
ADR15
Call direct in page (15 bits)
3
4
Description:
CALL calls a subroutine located at the destination address. The instruction adds three to the
program counter to generate the return address and then pushes the result onto the stack,
decrementing the stack pointer by six. The EMB and ERB are also pushed to the stack. Program
execution continues with the instruction at this address. The subroutine may therefore begin
anywhere in the full 32-Kbyte program memory address space.
The LCALL instruction can be used in the all range (0000H-7FFFH) while the CALL instruction can
be used in the only range (0000H-3FFFH).
Operand
Binary Code
Operation Notation
ADR15
1
1
0
1
1
0
1
0
[(SP-1) (SP-2)]
← EMB, ERB
0
a14 a13 a12 a11 a10
a9
a8
[(SP-3) (SP-4)]
← PC7-0
a7
a6
a5
a4
a3
a2
a1
a0
[(SP-5) (SP-6)]
← PC14-8
Example:
The stack pointer value is 00H and the label 'PLAY' is assigned to program memory location
5E3FH. Executing the instruction
LCALL
PLAY
at location 0123H will generate the following values:
SP
=
0FAH
0FFH =
0H
0FEH =
EMB, ERB
0FDH =
2H
0FCH =
3H
0FBH =
0H
0FAH =
1H
PC
=
5E3FH
Data is written to stack locations 0FFH–0FAH as follows:
0FAH
PC11 – PC8
0FBH
0
PC14
PC13
PC12
0FCH
PC3 – PC0
0FDH
PC7 – PC4
0FEH
0
0
EMB
ERB
0FFH
0
0
0
0


Similar Part No. - S3C72G9

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C72G9 SAMSUNG-S3C72G9 Datasheet
181Kb / 28P
The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
More results

Similar Description - S3C72G9

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7574 SAMSUNG-S3C7574 Datasheet
150Kb / 33P
Product Overview Address Spaces Addressing Modes Memory Map SAM47 Instruction Set
logo
STMicroelectronics
STLUX385 STMICROELECTRONICS-STLUX385 Datasheet
171Kb / 10P
Extended instruction set
February 2013 Rev 2
STM8S007C8 STMICROELECTRONICS-STM8S007C8 Datasheet
1Mb / 92P
Extended instruction set
March 2015 Rev 5
STM8S005C6 STMICROELECTRONICS-STM8S005C6 Datasheet
1Mb / 97P
Extended instruction set
March 2015 Rev 4
STM8S003F3 STMICROELECTRONICS-STM8S003F3 Datasheet
1Mb / 104P
Extended instruction set
May 2017 Rev 9
STM8S105C4 STMICROELECTRONICS-STM8S105C4 Datasheet
1Mb / 121P
Extended instruction set
September 2015 Rev 15
logo
Samsung semiconductor
S3C9442 SAMSUNG-S3C9442 Datasheet
259Kb / 50P
SAM88RCRI INSTRUCTION SET
logo
Freescale Semiconductor...
S9S08DZ32F1CLH FREESCALE-S9S08DZ32F1CLH Datasheet
2Mb / 416P
HC08 instruction set with added BGND instruction
logo
STMicroelectronics
ST20-C1 STMICROELECTRONICS-ST20-C1 Datasheet
856Kb / 205P
Instruction Set Reference Manual
logo
Freescale Semiconductor...
MC9S08GW64 FREESCALE-MC9S08GW64_11 Datasheet
1,011Kb / 42P
HC08 instruction set with added BGND instruction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com