Electronic Components Datasheet Search
  English  ▼

X  

S3C72G9 Datasheet(PDF) 87 Page - Samsung semiconductor

Part # S3C72G9
Description  SAM47 INSTRUCTION SET
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C72G9 Datasheet(HTML) 87 Page - Samsung semiconductor

Back Button S3C72G9 Datasheet HTML 83Page - Samsung semiconductor S3C72G9 Datasheet HTML 84Page - Samsung semiconductor S3C72G9 Datasheet HTML 85Page - Samsung semiconductor S3C72G9 Datasheet HTML 86Page - Samsung semiconductor S3C72G9 Datasheet HTML 87Page - Samsung semiconductor S3C72G9 Datasheet HTML 88Page - Samsung semiconductor S3C72G9 Datasheet HTML 89Page - Samsung semiconductor S3C72G9 Datasheet HTML 90Page - Samsung semiconductor S3C72G9 Datasheet HTML 91Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 96 page
background image

 

')'+'2%!"#
SMB
n
Operation:
Operand
Operation Summary
Bytes
Cycles
n
Select memory bank
2
2
Description:
The SMB instruction sets the upper four bits of a 12-bit data memory address to select a specific
memory bank. The constants 0, n, and 15 are usually used as the SMB operand to select the
corresponding memory bank. All references to data memory addresses fall within the following
address ranges:
Please note that since data memory spaces differ for various devices in the SAM4 product family,
the 'n' value of the SMB instruction will also vary.
Addresses
Register Areas
Bank
SMB
000H-01FH
Working registers
0
0
020H-0FFH
Stack and general-purpose registers
n00H-nFFH
General-purpose registers
n
(n = 1-14)
n
(n = 1-14)
F80H-FFFH
I/O-mapped hardware registers
15
15
The enable memory bank (EMB) flag must always be set to "1" in order for the SMB instruction to
execute successfully for memory banks 0-15.
Format
Binary Code
Operation Notation
n
1
1
0
1
1
1
0
1
SMB
← n (n = 0-15)
0
1
0
0
d3
d2
d1
d0
Example:
If the EMB flag is set, the instruction
SMB
0
selects the data memory address range for bank 0 (000H-0FFH) as the working memory bank.
,  ) *    


Similar Part No. - S3C72G9

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C72G9 SAMSUNG-S3C72G9 Datasheet
181Kb / 28P
The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
More results

Similar Description - S3C72G9

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST20-C1 STMICROELECTRONICS-ST20-C1 Datasheet
856Kb / 205P
Instruction Set Reference Manual
logo
Samsung semiconductor
S3C7574 SAMSUNG-S3C7574 Datasheet
150Kb / 33P
Product Overview Address Spaces Addressing Modes Memory Map SAM47 Instruction Set
S3C9442 SAMSUNG-S3C9442 Datasheet
259Kb / 50P
SAM88RCRI INSTRUCTION SET
logo
Freescale Semiconductor...
MC9S08GW64 FREESCALE-MC9S08GW64_11 Datasheet
1,011Kb / 42P
HC08 instruction set with added BGND instruction
S9S08DZ32F1CLH FREESCALE-S9S08DZ32F1CLH Datasheet
2Mb / 416P
HC08 instruction set with added BGND instruction
logo
STMicroelectronics
STLUX385 STMICROELECTRONICS-STLUX385 Datasheet
171Kb / 10P
Extended instruction set
February 2013 Rev 2
STM8S003F3 STMICROELECTRONICS-STM8S003F3 Datasheet
1Mb / 104P
Extended instruction set
May 2017 Rev 9
STM8S005C6 STMICROELECTRONICS-STM8S005C6 Datasheet
1Mb / 97P
Extended instruction set
March 2015 Rev 4
STM8S007C8 STMICROELECTRONICS-STM8S007C8 Datasheet
1Mb / 92P
Extended instruction set
March 2015 Rev 5
STM8S105C4 STMICROELECTRONICS-STM8S105C4 Datasheet
1Mb / 121P
Extended instruction set
September 2015 Rev 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com