Electronic Components Datasheet Search
  English  ▼

X  

S3C72G9 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # S3C72G9
Description  SAM47 INSTRUCTION SET
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C72G9 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button S3C72G9 Datasheet HTML 6Page - Samsung semiconductor S3C72G9 Datasheet HTML 7Page - Samsung semiconductor S3C72G9 Datasheet HTML 8Page - Samsung semiconductor S3C72G9 Datasheet HTML 9Page - Samsung semiconductor S3C72G9 Datasheet HTML 10Page - Samsung semiconductor S3C72G9 Datasheet HTML 11Page - Samsung semiconductor S3C72G9 Datasheet HTML 12Page - Samsung semiconductor S3C72G9 Datasheet HTML 13Page - Samsung semiconductor S3C72G9 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
 


Table 5-11. Data Transfer Instructions — High-Level Summary
Name
Operand
Operation Description
Bytes
Cycles
XCH
A,DA
Exchange A and direct data memory contents
2
2
A,Ra
Exchange A and register (Ra) contents
1
1
A,@Rra
Exchange A and indirect data memory
1
1
EA,DA
Exchange EA and direct data memory contents
2
2
EA,RRb
Exchange EA and register pair (RRb) contents
2
2
EA,@HL
Exchange EA and indirect data memory contents
2
2
XCHI
A,@HL
Exchange A and indirect data memory contents;
increment contents of register L and skip on carry
1
2 + S
XCHD
A,@HL
Exchange A and indirect data memory contents;
decrement contents of register L and skip on carry
1
2 + S
LD
A,#im
Load 4-bit immediate data to A
1
1
A,@Rra
Load indirect data memory contents to A
1
1
A,DA
Load direct data memory contents to A
2
2
A,Ra
Load register contents to A
2
2
Ra,#im
Load 4-bit immediate data to register
2
2
RR,#imm
Load 8-bit immediate data to register
2
2
DA,A
Load contents of A to direct data memory
2
2
Ra,A
Load contents of A to register
2
2
EA,@HL
Load indirect data memory contents to EA
2
2
EA,DA
Load direct data memory contents to EA
2
2
EA,RRb
Load register contents to EA
2
2
@HL,A
Load contents of A to indirect data memory
1
1
DA,EA
Load contents of EA to data memory
2
2
RRb,EA
Load contents of EA to register
2
2
@HL,EA
Load contents of EA to indirect data memory
2
2
LDI
A,@HL
Load indirect data memory to A; increment register L
contents and skip on carry
1
2 + S
LDD
A,@HL
Load indirect data memory contents to A; decrement
register L contents and skip on carry
1
2 + S
LDC
EA,@WX
Load code byte from WX to EA
1
3
EA,@EA
Load code byte from EA to EA
1
3
RRC
A
Rotate right through carry bit
1
1
PUSH
RR
Push register pair onto stack
1
1
SB
Push SMB and SRB values onto stack
2
2
POP
RR
Pop to register pair from stack
1
1
SB
Pop SMB and SRB values from stack
2
2


Similar Part No. - S3C72G9

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C72G9 SAMSUNG-S3C72G9 Datasheet
181Kb / 28P
   The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
More results

Similar Description - S3C72G9

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7574 SAMSUNG-S3C7574 Datasheet
150Kb / 33P
   Product Overview Address Spaces Addressing Modes Memory Map SAM47 Instruction Set
logo
STMicroelectronics
STLUX385 STMICROELECTRONICS-STLUX385 Datasheet
171Kb / 10P
   Extended instruction set
February 2013 Rev 2
STM8S007C8 STMICROELECTRONICS-STM8S007C8 Datasheet
1Mb / 92P
   Extended instruction set
March 2015 Rev 5
STM8S005C6 STMICROELECTRONICS-STM8S005C6 Datasheet
1Mb / 97P
   Extended instruction set
March 2015 Rev 4
STM8S003F3 STMICROELECTRONICS-STM8S003F3 Datasheet
1Mb / 104P
   Extended instruction set
May 2017 Rev 9
STM8S105C4 STMICROELECTRONICS-STM8S105C4 Datasheet
1Mb / 121P
   Extended instruction set
September 2015 Rev 15
logo
Samsung semiconductor
S3C9442 SAMSUNG-S3C9442 Datasheet
259Kb / 50P
   SAM88RCRI INSTRUCTION SET
logo
Freescale Semiconductor...
S9S08DZ32F1CLH FREESCALE-S9S08DZ32F1CLH Datasheet
2Mb / 416P
   HC08 instruction set with added BGND instruction
logo
STMicroelectronics
ST20-C1 STMICROELECTRONICS-ST20-C1 Datasheet
856Kb / 205P
   Instruction Set Reference Manual
logo
Freescale Semiconductor...
MC9S08GW64 FREESCALE-MC9S08GW64_11 Datasheet
1,011Kb / 42P
   HC08 instruction set with added BGND instruction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com