Electronic Components Datasheet Search
  English  ▼

X  

S3C72G9 Datasheet(PDF) 36 Page - Samsung semiconductor

Part # S3C72G9
Description  SAM47 INSTRUCTION SET
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C72G9 Datasheet(HTML) 36 Page - Samsung semiconductor

Back Button S3C72G9 Datasheet HTML 32Page - Samsung semiconductor S3C72G9 Datasheet HTML 33Page - Samsung semiconductor S3C72G9 Datasheet HTML 34Page - Samsung semiconductor S3C72G9 Datasheet HTML 35Page - Samsung semiconductor S3C72G9 Datasheet HTML 36Page - Samsung semiconductor S3C72G9 Datasheet HTML 37Page - Samsung semiconductor S3C72G9 Datasheet HTML 38Page - Samsung semiconductor S3C72G9 Datasheet HTML 39Page - Samsung semiconductor S3C72G9 Datasheet HTML 40Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 96 page
background image
 


%*+)
BOR
C,src.b
Operation:
Operand
Operation Summary
Bytes
Cycles
C,mema.b
Logical-OR carry with specified memory bit
2
2
C,memb.@L
2
2
C,@H+DA.b
2
2
Description:
The specified bit of the source is logically ORed with the carry flag bit value. The value of the
source is unaffected.
Operand
Binary Code
Operation Notation
C,mema.b

1
1
1
1
0
1
1
0
C
← C OR mema.b
C,memb.@L
1
1
1
1
0
1
1
0
C
← C OR [memb.7-2 + L.3-2].
[L.1-0]
0
1
0
0
a5
a4
a3
a2
C,@H+DA.b
1
1
1
1
0
1
1
0
C
← C OR [H + DA.3-0].b
0
0
b1
b0
a3
a2
a1
a0
Second Byte
Bit Addresses
 mema.b
1
0
b1
b0
a3
a2
a1
a0 FB0H-FBFH
1
1
b1
b0
a3
a2
a1
a0 FF0H-FFFH
Examples:
1. The carry flag is logically ORed with the P1.0 value:
RCF
; C
← "0"
BOR
C,P1.0
; If P1.0 = "1", then C
← "1"; if P1.0 = "0", then C ← "0"
2. The P1 address is FF1H and register L contains the value 1H (0001B). The address (memb.7-
2) is 111100B and (L.3-2) = 00B. The resulting address is 11110000B or FF0H, specifying P0.
The bit value for the BOR instruction, (L.1-0) is 01B which specifies bit 1. Therefore, P1.@L =
P0.1:
LD
L,#1H
BOR
C,P1.@L
; P1.@L is specified as P0.1; C OR P0.1



Similar Part No. - S3C72G9

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C72G9 SAMSUNG-S3C72G9 Datasheet
181Kb / 28P
The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
More results

Similar Description - S3C72G9

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7574 SAMSUNG-S3C7574 Datasheet
150Kb / 33P
Product Overview Address Spaces Addressing Modes Memory Map SAM47 Instruction Set
logo
STMicroelectronics
STLUX385 STMICROELECTRONICS-STLUX385 Datasheet
171Kb / 10P
Extended instruction set
February 2013 Rev 2
STM8S007C8 STMICROELECTRONICS-STM8S007C8 Datasheet
1Mb / 92P
Extended instruction set
March 2015 Rev 5
STM8S005C6 STMICROELECTRONICS-STM8S005C6 Datasheet
1Mb / 97P
Extended instruction set
March 2015 Rev 4
STM8S003F3 STMICROELECTRONICS-STM8S003F3 Datasheet
1Mb / 104P
Extended instruction set
May 2017 Rev 9
STM8S105C4 STMICROELECTRONICS-STM8S105C4 Datasheet
1Mb / 121P
Extended instruction set
September 2015 Rev 15
logo
Samsung semiconductor
S3C9442 SAMSUNG-S3C9442 Datasheet
259Kb / 50P
SAM88RCRI INSTRUCTION SET
logo
Freescale Semiconductor...
S9S08DZ32F1CLH FREESCALE-S9S08DZ32F1CLH Datasheet
2Mb / 416P
HC08 instruction set with added BGND instruction
logo
STMicroelectronics
ST20-C1 STMICROELECTRONICS-ST20-C1 Datasheet
856Kb / 205P
Instruction Set Reference Manual
logo
Freescale Semiconductor...
MC9S08GW64 FREESCALE-MC9S08GW64_11 Datasheet
1,011Kb / 42P
HC08 instruction set with added BGND instruction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com