Electronic Components Datasheet Search
  English  ▼

X  

MN101C115 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # MN101C115
Description  Request for your special attention and precautions in using the technical information and semiconductors described in this book
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN101C115 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  MN101C115 Datasheet HTML 1Page - Panasonic Semiconductor MN101C115 Datasheet HTML 2Page - Panasonic Semiconductor MN101C115 Datasheet HTML 3Page - Panasonic Semiconductor MN101C115 Datasheet HTML 4Page - Panasonic Semiconductor MN101C115 Datasheet HTML 5Page - Panasonic Semiconductor MN101C115 Datasheet HTML 6Page - Panasonic Semiconductor MN101C115 Datasheet HTML 7Page - Panasonic Semiconductor MN101C115 Datasheet HTML 8Page - Panasonic Semiconductor MN101C115 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 170 page
background image
How to Read This Manual–2
s Manual Configuration
Each section of this manual consists of a title, summary, main text, supplemental information, precautions and
warnings. The layout and definition of each section are shown below.
Subtitle
Sub-subtitle
The smallest block
in this manual.
Main text
Summary
Introduction to the
section.
Key information
Important
information from
the text.
Supplementary
information
Supplementary
information for the
main text. An
explanation of
terminology is also
included.
Precautions and
warnings
Precautions are
listed in case of lost
functionality or
damage.
Be sure to read.
Chapter 4 Timer Functions
83
4-3 16-bit Timer Operation (timer 4)
4-3-1 Overview
Timer 4 is a 16-bit programmable counter that can be used as an event counter.
A signal with frequency of 1/2 of the timer 4 overflow signal can be output from the
TM4IO pin. An input capture function and added pulse PWM output function can
also be used.
s Timer Operation
Settings for timer operation are listed below.
(1)
Set the TM4EN flag of the timer 4 mode register (TM4MD) to "0" so that the count
operation of timer 4 is stopped.
(2)
Set the TM4CK2~0 flags of the TM4MD register to select fosc, fs/4, or fs/16 as the
clock source.
(3)
Set the TM4PWM flag of the TM4MD register to "0" so that 16-bit timer operation is
selected.
Figure 4-3-1 Binary Counter 4 (TM4BC) Count Timing
16 bit Timer Operation (timer 4)
When servicing an interrupt reset
the timer 4 interrupt request flag
before operat ng timer 4
During a count operation be
careful if the value set n TM4OCH
and TM4OCL is smaller than the
value of binary counter 4 since
the count up operation will
continue until overflow occurs
C ock
TM EN
Binary
counter
Wr te to registe s
TM OCH, TM OCL
05
0
06
07
08
09
00
If the TM4EN flag of the TM4MD register is changed
simultaneously with other bits, the switching operation may cause
binary counter 4 to be incremented.
If the value of TM4OCH and TM4OCL registers is overwritten while
timer 4 has stopped counting, binary counter 4 will be reset to
X'0000'.


Similar Part No. - MN101C115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MN101C109 ETC1-MN101C109 Datasheet
105Kb / 2P
MN101C10A
MN101C10A ETC1-MN101C10A Datasheet
105Kb / 2P
MN101C10A
MN101C145 ETC1-MN101C145 Datasheet
76Kb / 2P
MN101C147
MN101C147 ETC1-MN101C147 Datasheet
76Kb / 2P
MN101C147
MN101C15 ETC1-MN101C15 Datasheet
88Kb / 2P
MN101C15
More results

Similar Description - MN101C115

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LSC320AN10 SAMSUNG-LSC320AN10 Datasheet
2Mb / 34P
The information described in this specification is preliminary and can be changed without prior notice
logo
TE Connectivity Ltd
411-18270 TEC-411-18270 Datasheet
128Kb / 11P
For further information, not included in this IS , and for technical assistance please contact
411-18185 TEC-411-18185 Datasheet
112Kb / 11P
For further information, not included in this IS , and for technical assistance please contact:
411-18237 TEC-411-18237 Datasheet
96Kb / 11P
For further information, not included in this IS , and for technical assistance please contact
411-18219 TEC-411-18219 Datasheet
99Kb / 11P
For further information, not included in this IS , and for technical assistance please contact:
411-18271 TEC-411-18271 Datasheet
128Kb / 11P
For further information, not included in this IS , and for technical assistance please contact
411-18233 TEC-411-18233 Datasheet
98Kb / 11P
For further information, not included in this IS , and for technical assistance please contact
logo
Littelfuse
08097300 LITTELFUSE-08097300 Datasheet
324Kb / 1P
The dual pole remote control current isolating switches described in this section are different in shape and working principle
logo
Tyco Electronics
114-13164 MACOM-114-13164 Datasheet
711Kb / 11P
When corresponding with personnel, use the terminology provided in this specification to facilitate your inquiries for information.
logo
Seoul Semiconductor
STW8C2SB SEOUL-STW8C2SB Datasheet
419Kb / 5P
Information in this presentation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com