Electronic Components Datasheet Search
  English  ▼

X  

MN101C115 Datasheet(PDF) 83 Page - Panasonic Semiconductor

Part # MN101C115
Description  Request for your special attention and precautions in using the technical information and semiconductors described in this book
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN101C115 Datasheet(HTML) 83 Page - Panasonic Semiconductor

Back Button MN101C115 Datasheet HTML 79Page - Panasonic Semiconductor MN101C115 Datasheet HTML 80Page - Panasonic Semiconductor MN101C115 Datasheet HTML 81Page - Panasonic Semiconductor MN101C115 Datasheet HTML 82Page - Panasonic Semiconductor MN101C115 Datasheet HTML 83Page - Panasonic Semiconductor MN101C115 Datasheet HTML 84Page - Panasonic Semiconductor MN101C115 Datasheet HTML 85Page - Panasonic Semiconductor MN101C115 Datasheet HTML 86Page - Panasonic Semiconductor MN101C115 Datasheet HTML 87Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 170 page
background image
Chapter 4 Timer Functions
69
16-bit Timer Operation (timer 4)
4-3 16-bit Timer Operation (timer 4)
4-3-1 Overview
Timer 4 is a 16-bit programmable counter that can be used as an event counter.
A signal with a frequency of 1/2 of the timer 4 overflow signal can be output from the
TM4IO pin. An input capture function and pulse added type PWM output function can
also be used.
4-3-2 Operation
s Timer Operation
Settings for timer operation are listed below.
(1)
Set the TM4EN flag of the timer 4 mode register (TM4MD) to "0" to stop the count
operation of timer 4.
(2)
Set the TM4CK2 to 0 flags of the TM4MD register to select fosc, fs/4, or fs/16 as the
clock source.
(3)
Set the TM4PWM flag of the TM4MD register to "0" to select 16-bit timer operation.
(4)
Set a value in compare register 4 (TM4OCH, TM4OCL).
(5)
Set the TM4EN flag of the TM4MD register to "1" to start the timer.
(6)
When timer 4 begins operation, binary counter 4 counts upward from X'0000'.
(7)
When the value of binary counter 4 matches that of the TM4OCH and TM4OCL
registers, the timer 4 interrupt request flag is set, the value of binary counter 4 is reset
to X'0000', and counting begins again.
When servicing an interrupt, reset
the timer 4 interrupt request flag
before operating timer 4.
During a count operation, be
careful if the value set in TM4OCH
and TM4OCL is smaller than the
value of binary counter 4, since
the count-up operation will
continue until overflow occurs.


Similar Part No. - MN101C115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MN101C109 ETC1-MN101C109 Datasheet
105Kb / 2P
MN101C10A
MN101C10A ETC1-MN101C10A Datasheet
105Kb / 2P
MN101C10A
MN101C145 ETC1-MN101C145 Datasheet
76Kb / 2P
MN101C147
MN101C147 ETC1-MN101C147 Datasheet
76Kb / 2P
MN101C147
MN101C15 ETC1-MN101C15 Datasheet
88Kb / 2P
MN101C15
More results

Similar Description - MN101C115

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STW8C2SB SEOUL-STW8C2SB Datasheet
419Kb / 5P
Information in this presentation
logo
TE Connectivity Ltd
411-18185 TEC-411-18185 Datasheet
112Kb / 11P
For further information, not included in this IS , and for technical assistance please contact:
411-18219 TEC-411-18219 Datasheet
99Kb / 11P
For further information, not included in this IS , and for technical assistance please contact:
411-18233 TEC-411-18233 Datasheet
98Kb / 11P
For further information, not included in this IS , and for technical assistance please contact
411-18237 TEC-411-18237 Datasheet
96Kb / 11P
For further information, not included in this IS , and for technical assistance please contact
411-18270 TEC-411-18270 Datasheet
128Kb / 11P
For further information, not included in this IS , and for technical assistance please contact
411-18271 TEC-411-18271 Datasheet
128Kb / 11P
For further information, not included in this IS , and for technical assistance please contact
logo
Tyco Electronics
114-13164 MACOM-114-13164 Datasheet
711Kb / 11P
When corresponding with personnel, use the terminology provided in this specification to facilitate your inquiries for information.
logo
Littelfuse
08097300 LITTELFUSE-08097300 Datasheet
324Kb / 1P
The dual pole remote control current isolating switches described in this section are different in shape and working principle
logo
Samsung semiconductor
LSC320AN10 SAMSUNG-LSC320AN10 Datasheet
2Mb / 34P
The information described in this specification is preliminary and can be changed without prior notice
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com