Electronic Components Datasheet Search
  English  ▼

X  

HPC36164 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC36164
Description  Silicon Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC36164 Datasheet(HTML) 8 Page - National Semiconductor (TI)

  HPC36164 Datasheet HTML 1Page - National Semiconductor (TI) HPC36164 Datasheet HTML 2Page - National Semiconductor (TI) HPC36164 Datasheet HTML 3Page - National Semiconductor (TI) HPC36164 Datasheet HTML 4Page - National Semiconductor (TI) HPC36164 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 5 page
background image
CKI Input Signal Characteristics
RiseFall Time
TLDD9682 34
Duty Cycle
TLDD9682 35
FIGURE 1 CKI Input Signal
TLDD9682 40
Note
AC testing inputs are driven at VIH for a logic ‘‘1’’ and VIL for a logic ‘‘0’’ Output timing measurements are made at 20V for a logic ‘‘1’’ and 08V for a logic
‘‘0’’
FIGURE 2 Input and Output for AC Tests
8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com