Electronic Components Datasheet Search
  English  ▼

X  

0517 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 0517
Description  Mount components, jumpers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

0517 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  0517 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road Bristol, PA 19007-6810 USA
TEL 215-781-9956 FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
13009
Rev. 6.1
1 of 1
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
FOR COLLET CONTACTS ON 0.200 [5.08] CENTERS, SEE DATA SHEET 13007
FOR BIFURCATED CONTACTS, SEE DATA SHEET 13006
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
FEATURES
• Mountcomponents,jumpers,etc.,atrightangletoPCboard
• Availablein1to25positions;cuttabletoanynumberdesired
GENERAL SPECIFICATIONS
BODY MATERIAL:blackUL94V-0glass-filled4/6Nylon
PIN BODY:Brass3601/2-hardperUNSC36000ASTMB16/B16M-05
PIN BODY PLATING:200µ[5.08µ]93/7Sn/PbperASTMB545–OR–200µ[5.08µ]min.Snper
ASTMB545Type1over100µ[2.54µ]NiperSAEAMS-QQ-N-290B
4-FINGER COLLET CONTACT:BeCuperUNSC17200ASTMB194-08
CONTACT PLATING:30µ[0.76µ]AuperMIL-G-45204over50µ[1.27µ]NiperSAEAMS-QQ-N-
290B
CONTACT CURRENT RATING:3amps
OPERATING TEMPERATURE: 221°F [105°C]
INSERTION FORCE:180g/pin,basedon0.018[0.46]dia.testlead
WITHDRAWAL FORCE:90g/pin,basedon0.018[0.46]dia.testlead
NORMAL FORCE:140g/pin,basedon0.018[0.46]dia.testlead
ACCEPTS LEADS:0.015-0.025[0.38-0.64]dia.,0.110-0.150[2.79-3.81]long
MOUNTING CONSIDERATIONS
SUGGESTED PCB HOLE SIZE: 0.035 ±0.002 [0.89 ±0.05] dia.
Series 0517 Pin-LineVertisocket
w/Collet Contacts
ORDERING INFORMATION
XX-0517-90 C XX
Optional Pin Body Plating
TL=Sn/Pb
Collet Contacts
Display Angle
Series
No. of Pins
(1thru25)


Similar Part No. - 0517

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0517960000 WEIDMULLER-0517960000 Datasheet
134Kb / 3P
   Connector markers, L x W: 39.3 x 8 mm, Polyamide 66, white
More results

Similar Description - 0517

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
ZCHP1-7 IRCTT-ZCHP1-7 Datasheet
111Kb / 1P
   Cylindrical Surface Mount Zerohm Jumpers
logo
Precid-Dip Durtal SA
110-87-320-41-005101 PREDIP-110-87-320-41-005101 Datasheet
4Mb / 29P
   MaLE JumpERS
logo
WECO ELECTRICAL CONNECT...
307-V WECO-307-V Datasheet
81Kb / 1P
   Jumpers Accessories
04.18
logo
Samtec, Inc
SNT-100-BK-H SAMTEC-SNT-100-BK-H Datasheet
655Kb / 1P
   SHUNTS JUMPERS
logo
Aries Electronics, Inc.
10-002-101T ARIES-10-002-101T Datasheet
181Kb / 1P
   DIP Jumpers
logo
KOA Speer Electronics, ...
Z16CT52A KOA-Z16CT52A Datasheet
223Kb / 2P
   zero ohm jumpers
logo
Omron Electronics LLC
XJ8 OMRON-XJ8 Datasheet
745Kb / 6P
   Header Plugs / Jumpers
logo
KOA Speer Electronics, ...
Z16CT26A KOA-Z16CT26A Datasheet
89Kb / 2P
   zero ohm jumpers
logo
Tyco Electronics
FSK-21A-18 MACOM-FSK-21A-18 Datasheet
88Kb / 1P
   FLEXSTRIP 짰 Jumpers
logo
Aries Electronics, Inc.
ML-100 ARIES-ML-100 Datasheet
174Kb / 1P
   Mini-Link??Miniature Jumpers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com