Electronic Components Datasheet Search
  English  ▼

X  

P2202ACMC Datasheet(PDF) 114 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 114 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 110Page - Teccor Electronics P2202ACMC Datasheet HTML 111Page - Teccor Electronics P2202ACMC Datasheet HTML 112Page - Teccor Electronics P2202ACMC Datasheet HTML 113Page - Teccor Electronics P2202ACMC Datasheet HTML 114Page - Teccor Electronics P2202ACMC Datasheet HTML 115Page - Teccor Electronics P2202ACMC Datasheet HTML 116Page - Teccor Electronics P2202ACMC Datasheet HTML 117Page - Teccor Electronics P2202ACMC Datasheet HTML 118Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 212 page
background image
CATV Equipment
http://www.teccor.com
3 - 26
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
CATV Equipment
As cable providers enter the local exchange market, protection of CATV (Community
Antenna TV) equipment becomes even more critical in order to ensure reliable operation of
equipment and uninterrupted service.
Protection Requirements
CATV line equipment should be able to withstand overvoltages that exceed 6000 V and
surge currents up to 5000 A. CATV station protectors should be able to withstand
overvoltages that exceed 5000 V and surge currents up to 1000 A. The SIDACtor devices
illustrated in Figure 3.32 through Figure 3.35 meet these requirements.
The following regulatory requirements may apply:
• UL 497C
• SCTE IPS-SP-204
• SCTE Practices
• NEC Article 830
Power Inserter and Line Amplifier Reference Circuit
Figure 3.32 and Figure 3.33 show how the P1900ME SIDACtor device is used to protect
line amplifiers and power supplies versus using two SCRs and one SIDACtor device
(Figure 3.34). The P1900ME is used because the peak off-state voltage (VDRM) is well
above the peak voltage of the CATV power supply (90 VRMS
Ö2), and the peak pulse current
rating (IPP) is 3000 A.
Figure 3.32 CATV Amplifier Diagram
90 VAC
P1900ME
Power
Supply
CATV
Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com