Electronic Components Datasheet Search
  English  ▼

X  

P2202ACMC Datasheet(PDF) 140 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 140 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 136Page - Teccor Electronics P2202ACMC Datasheet HTML 137Page - Teccor Electronics P2202ACMC Datasheet HTML 138Page - Teccor Electronics P2202ACMC Datasheet HTML 139Page - Teccor Electronics P2202ACMC Datasheet HTML 140Page - Teccor Electronics P2202ACMC Datasheet HTML 141Page - Teccor Electronics P2202ACMC Datasheet HTML 142Page - Teccor Electronics P2202ACMC Datasheet HTML 143Page - Teccor Electronics P2202ACMC Datasheet HTML 144Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 212 page
background image
UL 60950 3rd Edition (formerly UL 1950, 3rd edition)
http://www.teccor.com
4 - 16
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
UL 60950 3rd Edition
(formerly UL 1950, 3rd edition)
After the divestiture of the AT&T/Bell system, the National Electric Code (NEC)
implemented Article 800-4, which mandates that “all equipment intended for connection to
the public telephone network be listed for that purpose” in order to ensure electrical safety.
A manufacturer can meet this requirement by listing their product with Underwriters
Laboratories under UL 60950 (based on IEC 60950, 3rd edition).
NEC requires all telecommunication wiring that enters a building to pass through a primary
protector, which is designed to limit AC transients in excess of 600 V rms. These transients
are due to the fact that telephone lines run in close proximity to AC power lines. Most
telecommunication equipment uses a secondary overvoltage protector such as the
SIDACtor device. The secondary devices typically limit transients in excess of 350 V rms.
Therefore, a potentially dangerous condition exists because of the voltage threshold
difference of the primary protector and the secondary protector. To minimize this danger,
compliance with UL 60950 overvoltage tests is required.
UL 60950 covers equipment with a rated voltage (primary power voltage) not exceeding
600 V and equipment designed to be installed in accordance with NEC NFPA 70. This
standard does not apply to air-conditioning equipment, fire detection equipment, power
supply systems, or transformers.
The effective date of UL 60950 allows new products submitted through April 1, 2003 to be
evaluated using the requirements of either UL 60950 or UL 1950, 3rd edition. After April 1,
2003, all new product submittals must be evaluated using only UL 60950.
Products certified by UL to requirements of UL 1459 prior to April 1, 2000 may continue to
be certified without further reinvestigation until April 1, 2005, provided no significant
changes or revisions are made to the products. Products certified by UL to requirements of
UL 1950 3rd edition prior to April 1, 2003 may continue to be certified without further
reinvestigation until April 1, 2005.
In order to have the UL Mark applied after April 1, 2005, all products, including those
previously certified by UL, must comply with UL 60950.
UL 69050 is intended to prevent injury or harm due to electrical shock, energy hazards, fire,
heat hazards, mechanical hazards, radiation hazards, and chemical hazards.
It defines three classes of equipment:
• Class 1 — protection achieved by basic insulation
• Class 2 — protection achieved by double or reinforced insulation
• Class 3 — protection relying upon supply from SELV circuits (voltages up to 40 V peak
or 60 V dc)
UL 60950 also defines five categories of insulation:
• Functional
• Basic
• Supplementary
• Reinforced
• Double



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com