Electronic Components Datasheet Search
  English  ▼

X  

P2202ACMC Datasheet(PDF) 168 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 168 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 164Page - Teccor Electronics P2202ACMC Datasheet HTML 165Page - Teccor Electronics P2202ACMC Datasheet HTML 166Page - Teccor Electronics P2202ACMC Datasheet HTML 167Page - Teccor Electronics P2202ACMC Datasheet HTML 168Page - Teccor Electronics P2202ACMC Datasheet HTML 169Page - Teccor Electronics P2202ACMC Datasheet HTML 170Page - Teccor Electronics P2202ACMC Datasheet HTML 171Page - Teccor Electronics P2202ACMC Datasheet HTML 172Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 212 page
background image
SIDACtor Device Selection Criteria
http://www.teccor.com
5 - 6
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
The maximum available surge current is calculated by dividing the peak surge voltage (VPK)
by the total circuit resistance (RTOTAL):
IPK(available) = VPK/RTOTAL
For longitudinal surges (Tip-Ground, Ring-Ground), RTOTAL is calculated for both Tip and
Ring:
RSOURCE = VPK/IPK
RTOTAL = RTIP + RSOURCE
RTOTAL = RRING + RSOURCE
For metallic surges (Tip-Ring):
RSOURCE = VPK/IPK
RTOTAL = RTIP + RRING + RSOURCE
Example 1:
A modem manufacturer must pass the Type A surge requirement of TIA-968 (formerly
known as FCC Part 68) without any series resistance.
IPK = 100 A, 10x560 µs
IPP
³ 100 A, 10x560 µs
Therefore, either a “B” rated or “C” rated SIDACtor device would be selected.
Example 2:
A line card manufacturer must pass the surge requirements of GR 1089 with 30
W on Tip
and 30
W on Ring.
IPK = 100 A, 10x1000 µs
VPK = 1000 V
RSOURCE = VPK/IPK = 10
W
RTOTAL = RSOURCE + RTIP = 40
W
IPK (available) = VPK/RTOTAL = 1000 V/40
W
\ IPP ³ 25 A
Holding Current (IH)
Because TIA-968 4.4.1.7.3 specifies that registered terminal equipment not exceed
140 mA dc per conductor under short-circuit conditions, the holding current of the SIDACtor
device is set at 150 mA.
For specific design criteria, the holding current (IH) of the SIDACtor device must be greater
than the DC current that can be supplied during an operational and short circuit condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com