Electronic Components Datasheet Search
  English  ▼

X  

SW20N70K Datasheet(PDF) 2 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW20N70K
Description  N-channel Enhanced mode TO-220FMOSFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW20N70K Datasheet(HTML) 2 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW20N70K Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Oct. 2015. Rev. 2.0
2/6
SW20N70K
Electrical characteristic ( T
C = 25
oC unless otherwise specified )
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Off characteristics
BVDSS
Drain to source breakdown voltage
VGS=0V, ID=250uA
700
V
ΔBV
DSS
/ ΔT
J
Breakdown voltage temperature
coefficient
ID=250uA, referenced to 25oC
0.64
V/oC
IDSS
Drain to source leakage current
VDS=700V, VGS=0V
1
uA
VDS=560V, TC=125oC
50
uA
IGSS
Gate to source leakage current, forward
VGS=30V, VDS=0V
100
nA
Gate to source leakage current, reverse
VGS=-30V, VDS=0V
-100
nA
On characteristics
VGS(TH)
Gate threshold voltage
VDS=VGS, ID=250uA
2
5
V
RDS(ON)
Drain to source on state resistance
VGS=10V, ID=10A
0.17
0.2
Ω
Gfs
Forward transconductance
VDS=30V, ID=10A
14
S
Dynamic characteristics
Ciss
Input capacitance
VGS=0V, VDS=200V, f=1MHz
2150
pF
Coss
Output capacitance
69
Crss
Reverse transfer capacitance
8
td(on)
Turn on delay time
VDS=350V, ID=20A,RG=25Ω
VGS=0V
(note 4,5)
28
ns
tr
Rising time
52
td(off)
Turn off delay time
116
tf
Fall time
40
Qg
Total gate charge
VDS=520V, VGS=10V, ID=20A
(note 4,5)
60
nC
Qgs
Gate-source charge
17
Qgd
Gate-drain charge
26
Source to drain diode ratings characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IS
Continuous source current
Integral reverse p-n Junction
diode in the MOSFET
20
A
ISM
Pulsed source current
80
A
VSD
Diode forward voltage drop.
IS=20A, VGS=0V
1.4
V
trr
Reverse recovery time
IS=20A, VGS=0V,
dIF/dt=100A/us
366
ns
Qrr
Reverse recovery charge
6.8
uC
※. Notes
1.
Repeatitive rating : pulse width limited by junction temperature.
2.
L = 70mH, IAS = 4A, VDD = V, RG=25Ω, Starting TJ = 25oC
3.
ISD ≤ 20A, di/dt = 100A/us, VDD ≤ BVDSS, Staring TJ =25oC
4.
Pulse Test : Pulse Width ≤ 300us, duty cycle ≤ 2%.
5.
Essentially independent of operating temperature.



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com