Electronic Components Datasheet Search
  English  ▼

X  

P6002ACMC Datasheet(PDF) 102 Page - Teccor Electronics

Part # P6002ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P6002ACMC Datasheet(HTML) 102 Page - Teccor Electronics

Back Button P6002ACMC Datasheet HTML 98Page - Teccor Electronics P6002ACMC Datasheet HTML 99Page - Teccor Electronics P6002ACMC Datasheet HTML 100Page - Teccor Electronics P6002ACMC Datasheet HTML 101Page - Teccor Electronics P6002ACMC Datasheet HTML 102Page - Teccor Electronics P6002ACMC Datasheet HTML 103Page - Teccor Electronics P6002ACMC Datasheet HTML 104Page - Teccor Electronics P6002ACMC Datasheet HTML 105Page - Teccor Electronics P6002ACMC Datasheet HTML 106Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 212 page
background image
High Speed Transmission Equipment
http://www.teccor.com
3 - 14
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
T1/E1 Circuit Protection
T1/E1 networks offer data rates up to 1.544 Mbps (2.058 for E1) on four-wire systems.
Signal levels on the transmit (TX) pair are typically between 2.4 V and 3.6 V while the
receive (RX) pair could go as high as 12 V. Loop powering is typically ±130 V at 60 mA,
although some systems can go as high as 150 V. (Figure 3.16)
Figure 3.16 T1/E1 Overview
Protection Circuitry
Longitudinal protection is required at the Central Office Terminal (COT) interface because of
the ground connection used with loop powering. (Figure 3.17) Two P1800SC MC SIDACtor
devices provide overvoltage protection and two F1250T TeleLink fuses (one on Tip, one on
Ring) provide overcurrent protection. The P1800SC MC device is chosen because its VDRM
is compliant with TIA-968 regulations, Section 4.4.5.2, “Connections with protection paths
to ground.” These regulations state:
Approved terminal equipment and protective circuitry having an
intentional dc conducting path to earth ground for protection purposes at
the leakage current test voltage that was removed during the leakage
current test of section 4.3 shall, upon its replacement, have a 50 Hz or
60 Hz voltage source applied between the following points:
a. Simplexed telephone connections, including Tip and Ring, Tip-1
and Ring-1, E&M leads and auxiliary leads
b. Earth grounding connections
The voltage shall be gradually increased from zero to 120 V rms for
approved terminal equipment, or 300 V rms for protective circuitry, then
maintained for one minute. The current between (a) and (b) shall not
Central Office
Line powered DLC Four-wire,1.544 Mbps/2.048 Mbps
T1 Transceiver
TX Pair
3000 ft
6000 ft
RX Pair
Line Regenerator
Line Regenerator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com