Electronic Components Datasheet Search
  English  ▼

X  

HT67F488 Datasheet(PDF) 107 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 107 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 103Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 104Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 105Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 106Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 107Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 108Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 109Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 110Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 111Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 171 page
background image
Rev. 1.60
107
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
SEGCR1 Register
Bit
7
6
5
4
3
2
1
0
�a�e
SEG15C SEG14C SEG13C SEG1�C SEG11C SEG10C
SEG9C
SEG8C
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
SEG15C:SelectSEG15orPC7
0:SEG15
1:PC7
Bit6
SEG14C:SelectSEG14orPC6
0:SEG14
1:PC6
Bit5
SEG13C:SelectSEG13orPC5
0:SEG13
1:PC5
Bit4
SEG12C:SelectSEG12orPC4
0:SEG12
1:PC4
Bit3
SEG11C:SelectSEG11orPC3
0:SEG11
1:PC3
Bit2
SEG10C:SelectSEG10orPC2
0:SEG10
1:PC2
Bit1
SEG9C:SelectSEG9orPC1
0:SEG9
1:PC1
Bit0
SEG8C:SelectSEG8orPC0
0:SEG8
1:PC0
SEGCR2 Register
Bit
7
6
5
4
3
2
1
0
�a�e
—
—
—
—
SEG19C SEG18C SEG17C SEG16C
R/W
—
—
—
—
R/W
R/W
R/W
R/W
POR
—
—
—
—
0
0
0
0
Bit7~4
Unimplemented,readas“0”
Bit3
SEG19C:SelectSEG19orPF7
0:SEG19
1:PF7
Bit2
SEG18C:SelectSEG18orPF6
0:SEG18
1:PF6
Bit1
SEG17C:SelectSEG17orPF5
0:SEG17
1:PF5
Bit0
SEG16C:SelectSEG16orPF4
0:SEG16
1:PF4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com