Electronic Components Datasheet Search
  English  ▼

X  

R5F100LD Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # R5F100LD
Description  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LD Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button R5F100LD Datasheet HTML 109Page - Renesas Technology Corp R5F100LD Datasheet HTML 110Page - Renesas Technology Corp R5F100LD Datasheet HTML 111Page - Renesas Technology Corp R5F100LD Datasheet HTML 112Page - Renesas Technology Corp R5F100LD Datasheet HTML 113Page - Renesas Technology Corp R5F100LD Datasheet HTML 114Page - Renesas Technology Corp R5F100LD Datasheet HTML 115Page - Renesas Technology Corp R5F100LD Datasheet HTML 116Page - Renesas Technology Corp R5F100LD Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 202 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
C)
Page 113 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
2.6 Analog Characteristics
2.6.1 A/D converter characteristics
Classification of A/D converter characteristics
Reference Voltage
Input channel
Reference voltage (+) = AVREFP
Reference voltage (
) = AVREFM
Reference voltage (+) = VDD
Reference voltage (
) = VSS
Reference voltage (+) = VBGR
Reference voltage (
) = AVREFM
ANI0 to ANI14
Refer to 2.6.1 (1).
ANI16 to ANI26
Refer to 2.6.1 (2).
Refer to 2.6.1 (4).
Internal reference voltage
Temperature sensor output
voltage
Refer to 2.6.1 (1).
Refer to 2.6.1 (3).
(1) When reference voltage (+)= AVREFP/ANI0 (ADREFP1 = 0, ADREFP0 = 1), reference voltage (
) =
AVREFM/ANI1 (ADREFM = 1), target pin : ANI2 to ANI14, internal reference voltage, and temperature
sensor output voltage
(TA =
40 to +85C, 1.6 V  AVREFP  VDD  5.5 V, VSS = 0 V, Reference voltage (+) = AVREFP, Reference voltage
(
) = AVREFM = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
RES
8
10
bit
1.8 V
 AVREFP  5.5 V
1.2
3.5
LSB
Overall error
Note 1
AINL
10-bit resolution
AVREFP = VDD
Note 3
1.6 V
 AVREFP  5.5 V Note 4
1.2
7.0
LSB
3.6 V
 VDD  5.5 V
2.125
39
s
2.7 V
 VDD  5.5 V
3.1875
39
s
1.8 V
 VDD  5.5 V
17
39
s
10-bit resolution
Target pin: ANI2 to
ANI14
1.6 V
 VDD  5.5 V
57
95
s
3.6 V
 VDD  5.5 V
2.375
39
s
2.7 V
 VDD  5.5 V
3.5625
39
s
Conversion time
tCONV
10-bit resolution
Target pin: Internal
reference voltage, and
temperature sensor
output voltage
(HS (high-speed main)
mode)
2.4 V
 VDD  5.5 V
17
39
s
1.8 V
 AVREFP  5.5 V
0.25 %FSR
Zero-scale error
Notes 1, 2
EZS
10-bit resolution
AVREFP = VDD
Note 3
1.6 V
 AVREFP  5.5 V Note 4
0.50 %FSR
1.8 V
 AVREFP  5.5 V
0.25 %FSR
Full-scale error
Notes 1, 2
EFS
10-bit resolution
AVREFP = VDD
Note 3
1.6 V
 AVREFP  5.5 V Note 4
0.50 %FSR
1.8 V
 AVREFP  5.5 V
2.5
LSB
Integral linearity error
Note 1
ILE
10-bit resolution
AVREFP = VDD
Note 3
1.6 V
 AVREFP  5.5 V Note 4
5.0
LSB
1.8 V
 AVREFP  5.5 V
1.5
LSB
Differential linearity error
Note 1
DLE
10-bit resolution
AVREFP = VDD
Note 3
1.6 V
 AVREFP  5.5 V Note 4
2.0
LSB
ANI2 to ANI14
0
AVREFP
V
Internal reference voltage
(2.4 V
 VDD  5.5 V, HS (high-speed main) mode)
VBGR
Note 5
V
Analog input voltage
VAIN
Temperature sensor output voltage
(2.4 V
 VDD  5.5 V, HS (high-speed main) mode)
VTMPS25
Note 5
V
(Notes are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com