Electronic Components Datasheet Search
  English  ▼

X  

R5F100LE Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # R5F100LE
Description  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LE Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button R5F100LE Datasheet HTML 113Page - Renesas Technology Corp R5F100LE Datasheet HTML 114Page - Renesas Technology Corp R5F100LE Datasheet HTML 115Page - Renesas Technology Corp R5F100LE Datasheet HTML 116Page - Renesas Technology Corp R5F100LE Datasheet HTML 117Page - Renesas Technology Corp R5F100LE Datasheet HTML 118Page - Renesas Technology Corp R5F100LE Datasheet HTML 119Page - Renesas Technology Corp R5F100LE Datasheet HTML 120Page - Renesas Technology Corp R5F100LE Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 202 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
C)
Page 117 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
(4) When reference voltage (+) = Internal reference voltage (ADREFP1 = 1, ADREFP0 = 0), reference voltage
(
) = AVREFM/ANI1 (ADREFM = 1), target pin : ANI0, ANI2 to ANI14, ANI16 to ANI26
(TA =
40 to +85C, 2.4 V  VDD  5.5 V, 1.6 V  EVDD0 = EVDD1  VDD, VSS = EVSS0 = EVSS1 = 0 V, Reference
voltage (+) = VBGR
Note 3, Reference voltage (
) = AVREFM = 0 V Note 4, HS (high-speed main) mode)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
RES
8
bit
Conversion time
tCONV
8-bit resolution
2.4 V
 VDD  5.5 V
17
39
s
Zero-scale error
Notes 1, 2
EZS
8-bit resolution
2.4 V
 VDD  5.5 V
0.60
%FSR
Integral linearity error
Note 1
ILE
8-bit resolution
2.4 V
 VDD  5.5 V
2.0
LSB
Differential linearity error
Note 1
DLE
8-bit resolution
2.4 V
 VDD  5.5 V
1.0
LSB
Analog input voltage
VAIN
0
VBGR
Note 3
V
Notes 1. Excludes quantization error (
1/2 LSB).
2. This value is indicated as a ratio (%FSR) to the full-scale value.
3. Refer to 2.6.2 Temperature sensor/internal reference voltage characteristics.
4. When reference voltage (
) = VSS, the MAX. values are as follows.
Zero-scale error: Add
0.35%FSR to the MAX. value when reference voltage () = AVREFM.
Integral linearity error: Add
0.5 LSB to the MAX. value when reference voltage () = AVREFM.
Differential linearity error: Add
0.2 LSB to the MAX. value when reference voltage () = AVREFM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com