Electronic Components Datasheet Search
  English  ▼

X  

R5F100LE Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # R5F100LE
Description  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LE Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button R5F100LE Datasheet HTML 149Page - Renesas Technology Corp R5F100LE Datasheet HTML 150Page - Renesas Technology Corp R5F100LE Datasheet HTML 151Page - Renesas Technology Corp R5F100LE Datasheet HTML 152Page - Renesas Technology Corp R5F100LE Datasheet HTML 153Page - Renesas Technology Corp R5F100LE Datasheet HTML 154Page - Renesas Technology Corp R5F100LE Datasheet HTML 155Page - Renesas Technology Corp R5F100LE Datasheet HTML 156Page - Renesas Technology Corp R5F100LE Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 202 page
background image
RL78/G13
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105
C)
Page 153 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
(5) Communication at different potential (1.8 V, 2.5 V, 3 V) (UART mode) (2/2)
(TA =
40 to +105C, 2.4 V  EVDD0 = EVDD1  VDD  5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
HS (high-speed main) Mode
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
Note 1
bps
4.0 V
 EVDD0  5.5
V,
2.7 V
 Vb  4.0 V
Theoretical value of the
maximum transfer rate
Cb = 50 pF, Rb = 1.4 k
, Vb = 2.7
V
2.6
Note 2
Mbps
Note 3
bps
2.7 V
 EVDD0 < 4.0
V,
2.3 V
 Vb  2.7 V
Theoretical value of the
maximum transfer rate
Cb = 50 pF, Rb = 2.7 k
, Vb = 2.3
V
1.2
Note 4
Mbps
Note 5
bps
Transfer rate
Transmission
2.4 V
 EVDD0 < 3.3
V,
1.6 V
 Vb  2.0 V
Theoretical value of the
maximum transfer rate
Cb = 50 pF, Rb = 5.5 k
, Vb = 1.6
V
0.43
Note 6
Mbps
Notes 1.
The smaller maximum transfer rate derived by using fMCK/12 or the following expression is the valid
maximum transfer rate.
Expression for calculating the transfer rate when 4.0 V
 EVDD0  5.5 V and 2.7 V  Vb  4.0 V
1
Maximum transfer rate =
[bps]
{
Cb × Rb × ln (1 
2.2
Vb )} × 3
1
Transfer rate
 2  {C
b
× Rb × ln (1
2.2
Vb )}
Baud rate error (theoretical value) =
× 100 [%]
(
1
Transfer rate ) × Number of transferred bits
* This value is the theoretical value of the relative difference between the transmission and reception sides.
2.
This value as an example is calculated when the conditions described in the “Conditions” column are
met. Refer to Note 1 above to calculate the maximum transfer rate under conditions of the customer.
3.
The smaller maximum transfer rate derived by using fMCK/12 or the following expression is the valid
maximum transfer rate.
Expression for calculating the transfer rate when 2.7 V
 EVDD0 < 4.0 V and 2.4 V  Vb  2.7 V
1
Maximum transfer rate =
{
Cb × Rb × ln (1 
2.0
Vb )} × 3
[bps]
1
Transfer rate
 2  {C
b
× Rb × ln (1
2.0
Vb )}
Baud rate error (theoretical value) =
× 100 [%]
(
1
Transfer rate ) × Number of transferred bits
* This value is the theoretical value of the relative difference between the transmission and reception sides.
4.
This value as an example is calculated when the conditions described in the “Conditions” column are
met. Refer to Note 3 above to calculate the maximum transfer rate under conditions of the customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com