Electronic Components Datasheet Search
  English  ▼

X  

R5F100LE Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # R5F100LE
Description  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LE Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button R5F100LE Datasheet HTML 194Page - Renesas Technology Corp R5F100LE Datasheet HTML 195Page - Renesas Technology Corp R5F100LE Datasheet HTML 196Page - Renesas Technology Corp R5F100LE Datasheet HTML 197Page - Renesas Technology Corp R5F100LE Datasheet HTML 198Page - Renesas Technology Corp R5F100LE Datasheet HTML 199Page - Renesas Technology Corp R5F100LE Datasheet HTML 200Page - Renesas Technology Corp R5F100LE Datasheet HTML 201Page - Renesas Technology Corp R5F100LE Datasheet HTML 202Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 199 / 202 page
background image
C - 3
Description
Rev.
Date
Page
Summary
3.00
Aug 02, 2013
118
Modification of table in 2.6.2 Temperature sensor/internal reference voltage
characteristics
118
Modification of table and note in 2.6.3 POR circuit characteristics
119
Modification of table in 2.6.4 LVD circuit characteristics
120
Modification of table of LVD Detection Voltage of Interrupt & Reset Mode
120
Renamed to 2.6.5 Power supply voltage rising slope characteristics
122
Modification of table, figure, and remark in 2.10 Timing Specs for Switching
Flash Memory Programming Modes
123
Modification of caution 1 and description
124
Modification of table and remark 3 in Absolute Maximum Ratings (TA = 25°C)
126
Modification of table, note, caution, and remark in 3.2.1 X1, XT1 oscillator
characteristics
126
Modification of table in 3.2.2 On-chip oscillator characteristics
127
Modification of note 3 in 3.3.1 Pin characteristics (1/5)
128
Modification of note 3 in 3.3.1 Pin characteristics (2/5)
133
Modification of notes 1 and 4 in (1) Flash ROM: 16 to 64 KB of 20- to 64-pin
products (1/2)
135
Modification of notes 1, 5, and 6 in (1) Flash ROM: 16 to 64 KB of 20- to 64-
pin products (2/2)
137
Modification of notes 1 and 4 in (2) Flash ROM: 96 to 256 KB of 30- to 100-
pin products (1/2)
139
Modification of notes 1, 5, and 6 in (2) Flash ROM: 96 to 256 KB of 30- to
100-pin products (2/2)
140
Modification of (3) Peripheral Functions (Common to all products)
142
Modification of table in 3.4 AC Characteristics
143
Addition of Minimum Instruction Execution Time during Main System Clock
Operation
143
Modification of figure of AC Timing Test Points
143
Modification of figure of External System Clock Timing
145
Modification of figure of AC Timing Test Points
145
Modification of description, note 1, and caution in (1) During communication
at same potential (UART mode)
146
Modification of description in (2) During communication at same potential
(CSI mode)
147
Modification of description in (3) During communication at same potential
(CSI mode)
149
Modification of table, note 1, and caution in (4) During communication at
same potential (simplified I
2C mode)
151
Modification of table, note 1, and caution in (5) Communication at different
potential (1.8 V, 2.5 V, 3 V) (UART mode) (1/2)
152 to
154
Modification of table, notes 2 to 6, caution, and remarks 1 to 4 in (5)
Communication at different potential (1.8 V, 2.5 V, 3 V) (UART mode) (2/2)
155
Modification of table in (6) Communication at different potential (1.8 V, 2.5 V,
3 V) (CSI mode) (1/3)
156
Modification of table and caution in (6) Communication at different potential
(1.8 V, 2.5 V, 3 V) (CSI mode) (2/3)
157, 158
Modification of table, caution, and remarks 3 and 4 in (6) Communication at
different potential (1.8 V, 2.5 V, 3 V) (CSI mode) (3/3)
160, 161
Modification of table and caution in (7) Communication at different potential
(1.8 V, 2.5 V, 3 V) (CSI mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com