Electronic Components Datasheet Search
  English  ▼

X  

R5F101LE Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # R5F101LE
Description  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F101LE Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button R5F101LE Datasheet HTML 172Page - Renesas Technology Corp R5F101LE Datasheet HTML 173Page - Renesas Technology Corp R5F101LE Datasheet HTML 174Page - Renesas Technology Corp R5F101LE Datasheet HTML 175Page - Renesas Technology Corp R5F101LE Datasheet HTML 176Page - Renesas Technology Corp R5F101LE Datasheet HTML 177Page - Renesas Technology Corp R5F101LE Datasheet HTML 178Page - Renesas Technology Corp R5F101LE Datasheet HTML 179Page - Renesas Technology Corp R5F101LE Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 202 page
background image
RL78/G13
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105
C)
Page 176 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
3.8 Flash Memory Programming Characteristics
(TA =
40 to +105C, 2.4 V  VDD  5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
CPU/peripheral hardware clock
frequency
fCLK
2.4 V
 VDD  5.5 V
1
32
MHz
Number of code flash rewrites
Notes 1,2,3
Retained for 20 years
TA = 85
C Note 4
1,000
Retained for 1 years
TA = 25
C
1,000,000
Retained for 5 years
TA = 85
C Note 4
100,000
Number of data flash rewrites
Notes 1,2,3
Cerwr
Retained for 20 years
TA = 85
C Note 4
10,000
Times
Notes 1.
1 erase + 1 write after the erase is regarded as 1 rewrite.The retaining years are until next rewrite
after the rewrite.
2.
When using flash memory programmer and Renesas Electronics self programming library.
3.
These are the characteristics of the flash memory and the results obtained from reliability testing by
Renesas Electronics Corporation.
4.
This temperature is the average value at which data are retained.
3.9 Dedicated Flash Memory Programmer Communication (UART)
(TA =
40 to +105C, 2.4 V  EVDD0 = EVDD1  VDD  5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Transfer rate
During serial programming
115,200
1,000,000
bps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com