Electronic Components Datasheet Search
  English  ▼

X  

ELM901FXA Datasheet(PDF) 3 Page - ELM Technology Corporation

Part # ELM901FXA
Description  Charge Pump LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM901FXA Datasheet(HTML) 3 Page - ELM Technology Corporation

  ELM901FXA Datasheet HTML 1Page - ELM Technology Corporation ELM901FXA Datasheet HTML 2Page - ELM Technology Corporation ELM901FXA Datasheet HTML 3Page - ELM Technology Corporation ELM901FXA Datasheet HTML 4Page - ELM Technology Corporation ELM901FXA Datasheet HTML 5Page - ELM Technology Corporation ELM901FXA Datasheet HTML 6Page - ELM Technology Corporation ELM901FXA Datasheet HTML 7Page - ELM Technology Corporation ELM901FXA Datasheet HTML 8Page - ELM Technology Corporation ELM901FXA Datasheet HTML 9Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
ELM901FxA 1A 2x Charge Pump LED Driver
11 -
EN1 : on/off control 1
LED output current on/off control pin of set current of ISET1. This pin is pulled down to ground inside
the IC and the control logic is high active. The set current of ISET1 sinks from LED pin when this pin is
connected to VIN.
AGND : internal analog circuit ground
This pin should be connected to GND of internal analog circuit and is connected in short circuit with internal
circuit on back pad. The connection to PGND1 & PGND2 is required and should be designed according to
the external wiring.
FS : fail safe setting
When EN1=EN2=1 continues for a period of time, fail safe function will turn down LED current forcibly.
This function aims for thermal protection of LED, and it is possible to be turned off. There are 3 timer
options according to the resistor connected between FS and GND since EN1=EN2=1 until LED current is
off: (1)1s when the resistor is short, (2)0.2s when the resistor is 20kΩ, and (3)0.5s when the resistor is 51kΩ.
This fail safe function becomes ineffective when it is short between FS and VIN or FS is open.
VIN : internal circuit power
This pin should be connected to the power pin of internal circuit. The connection to PVIN is required and
should be designed according to the external wiring; GND-connected ceramic capacitor( above 2.2μF) is
also necessary.
PGND1 : charge pump circuit ground
This pin should be connected to GND of charge pump circuit. The connection to AGND & PGND2 is
required and should be designed according to the external wiring.
CM : step-up capacitor connection( low potential)
This pin should be connected to the low potential of step-up capacitor. The wiring of step-up capacitor
should be connected between CM and CP as closely as possible; ELM recommends using 2.2μF capacitor.
PVIN : charge pump power
This pin is power supply of charge pump circuit. This pin should be connected to VIN according to the
external wiring.
CP : step-up capacitor connection( high potential)
This pin should be connected to the high potential of step-up capacitor. The wiring of step-up capacitor
should be connected between CM and CP as close as possible; ELM recommends using 2.2μF capacitor.
VO : step-up output
The output voltage is almost the same as VIN under 1x mode, while it becomes 5.5V under step-up mode.
This pin should be connected to LED anode.
PGND2 : LED current drive circuit ground
This pin should be connected to the GND of LED current drive circuit. The connection to AGND & PGND1
is required and should be designed according to the external wiring.
LED : constant current sink
To sink the output current which is set by ISET1 & ISET2. This pin should be connected to LED cathode.


Similar Part No. - ELM901FXA

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM901F ELM-ELM901F Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
ELM901F-SERIES ELM-ELM901F-SERIES Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
logo
ELM Technology Corporat...
ELM901FAA-S ELM-TECH-ELM901FAA-S Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
ELM901FBA-S ELM-TECH-ELM901FBA-S Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
More results

Similar Description - ELM901FXA

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3140B SGMICRO-SGM3140B Datasheet
431Kb / 14P
   Charge Pump LED Driver
SGM3141 SGMICRO-SGM3141 Datasheet
385Kb / 14P
   Charge Pump LED Driver
SGM3140 SGMICRO-SGM3140 Datasheet
918Kb / 14P
   Charge Pump LED Driver
SGM3141B SGMICRO-SGM3141B Datasheet
398Kb / 14P
   Charge Pump LED Driver
logo
Semtech Corporation
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
   Charge Pump Flash LED Driver
SC635 SEMTECH-SC635 Datasheet
362Kb / 12P
   Charge Pump Flash LED Driver
logo
ON Semiconductor
NCP5608 ONSEMI-NCP5608 Datasheet
190Kb / 16P
   Multiple LED Charge Pump Driver
June, 2006 ??Rev. 1
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
logo
Semtech Corporation
SC615A SEMTECH-SC615A Datasheet
207Kb / 12P
   Charge Pump Flash LED Driver
logo
California Micro Device...
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com