Electronic Components Datasheet Search
  English  ▼

X  

ELM901FXA Datasheet(PDF) 4 Page - ELM Technology Corporation

Part # ELM901FXA
Description  Charge Pump LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM901FXA Datasheet(HTML) 4 Page - ELM Technology Corporation

  ELM901FXA Datasheet HTML 1Page - ELM Technology Corporation ELM901FXA Datasheet HTML 2Page - ELM Technology Corporation ELM901FXA Datasheet HTML 3Page - ELM Technology Corporation ELM901FXA Datasheet HTML 4Page - ELM Technology Corporation ELM901FXA Datasheet HTML 5Page - ELM Technology Corporation ELM901FXA Datasheet HTML 6Page - ELM Technology Corporation ELM901FXA Datasheet HTML 7Page - ELM Technology Corporation ELM901FXA Datasheet HTML 8Page - ELM Technology Corporation ELM901FXA Datasheet HTML 9Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
■Standard circuit
ELM901FxA 1A 2x Charge Pump LED Driver
11 -
Charge pump
900kHz OSC
Timer
CC Control
NC
12
11
10
9
CP
PVIN
CM
13
14
15
16
1
2
3
4
5
66
7
8
PGND1
VIN
FS
AGND
C3
Rfs
EN1
EN2
ISET1
ISET2
Rset2
Rset1
LED
PGND2
NC
VO
C1
C2
LED
■Block diagram
x1/x2 charge pump
PVIN
CP
▲ ▲ ▲ ▲
CM
VIN
FS
EN1
EN2
ISET1
ISET2
AGND
PGND2
PGND1
LED
VO
x1/x2 switch
Drop out detection
Vref
Vref(soft)
Short protection
Thermal
protection
Step-up
circuit
900kHz
oscillator
Current sense control
Control logic
Fail safe circuit


Similar Part No. - ELM901FXA

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM901F ELM-ELM901F Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
ELM901F-SERIES ELM-ELM901F-SERIES Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
logo
ELM Technology Corporat...
ELM901FAA-S ELM-TECH-ELM901FAA-S Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
ELM901FBA-S ELM-TECH-ELM901FBA-S Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
More results

Similar Description - ELM901FXA

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3140B SGMICRO-SGM3140B Datasheet
431Kb / 14P
   Charge Pump LED Driver
SGM3141 SGMICRO-SGM3141 Datasheet
385Kb / 14P
   Charge Pump LED Driver
SGM3140 SGMICRO-SGM3140 Datasheet
918Kb / 14P
   Charge Pump LED Driver
SGM3141B SGMICRO-SGM3141B Datasheet
398Kb / 14P
   Charge Pump LED Driver
logo
Semtech Corporation
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
   Charge Pump Flash LED Driver
SC635 SEMTECH-SC635 Datasheet
362Kb / 12P
   Charge Pump Flash LED Driver
logo
ON Semiconductor
NCP5608 ONSEMI-NCP5608 Datasheet
190Kb / 16P
   Multiple LED Charge Pump Driver
June, 2006 ??Rev. 1
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
logo
Semtech Corporation
SC615A SEMTECH-SC615A Datasheet
207Kb / 12P
   Charge Pump Flash LED Driver
logo
California Micro Device...
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com