Electronic Components Datasheet Search
  English  ▼

X  

ELM901FXA Datasheet(PDF) 6 Page - ELM Technology Corporation

Part # ELM901FXA
Description  Charge Pump LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM901FXA Datasheet(HTML) 6 Page - ELM Technology Corporation

Back Button ELM901FXA Datasheet HTML 2Page - ELM Technology Corporation ELM901FXA Datasheet HTML 3Page - ELM Technology Corporation ELM901FXA Datasheet HTML 4Page - ELM Technology Corporation ELM901FXA Datasheet HTML 5Page - ELM Technology Corporation ELM901FXA Datasheet HTML 6Page - ELM Technology Corporation ELM901FXA Datasheet HTML 7Page - ELM Technology Corporation ELM901FXA Datasheet HTML 8Page - ELM Technology Corporation ELM901FXA Datasheet HTML 9Page - ELM Technology Corporation ELM901FXA Datasheet HTML 10Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
ELM901FxA 1A 2x Charge Pump LED Driver
11 -
Soft step-up
The operation becomes soft step-up by charge pump operation right after 2x mode starts. Rush current is
decreased by soft step-up which increases Vo straight. The current is controlled when Iled becomes 1/2 of
the setting during soft step-up. Iled is limited under 350mA(typ.) forcibly to avoid abrupt change of Iled
within 10us after step-up operation starts. Iled control current returns to the setting after step-up is finished.
2x mode
After switching to normal 2x mode, operation remains this mode until standby mode(EN1=EN2=GND)
starts. To work under 1x mode again, it is necessary to restart after switching to standby mode.
■Protection function
Thermal protection
When junction temperature becomes over 150°C, Vo output is turned to be OFF (only high resistance
PMOS switch is ON)thermal shutdown circuit and LED output is shut down by thermal shutdown circuit.
To shut down thermal protection, it is necessary to restart operation after returning to standby mode.
ISET1/ISET2 short protection
When EN1=0→1 during start-up, if Rset which is connected to ISET1 is under 3.9kΩ(setting current of
Iled is above 1A),LED current which is the same with[low] current is shut down. If ISET2 is under normal
operation under this situation, LED current which is the same with[high] current is flowed. When it is short
between ISET1 and GND under the operation that EN1=1, LED current limit is detected by 1.5A and shut
down without flowing to EN logic.
When EN2=0→1 during start-up, if Rset which is connected to ISET2 is under 3.9kΩ( setting current of
Iled is above 1A), LED current which is the same with[high] current is shut down. If ISET1 is under nor-
mal operation under this situation, LED current which is the same with[low] current is flowed. When it is
short between ISET2 and GND under the operation that EN2=1, LED current limit is detected by 1.5A and
shut down without flowing to EN logic.
LED current becomes 0 when [low]+[high]current reaches 1.5A under EN1=EN2=1 under the above-men-
tioned 2 situations.
VO short protection
When VO lowers to around 0.7V during operation, device shuts down the outputs of both Vo and LED; Vin
and Vo become connected by high resistance PMOS switch(standby output) under this situation. After VO
short is dissolved and Vo rises above 0.7V, outputs of Vo and LED restart. When VO short is detected un-
der 2x mode, the operation switches to standby mode.
Fail safe function
Fail safe function refers to the function that the output of LED is turned to be OFF automatically when
“low+high” current(EN1=EN2=1) continues for certain period of time. To dissolve the function that LED
output is turned to be OFF forcibly, it is necessary to switch EN1=EN2=1 to other modes. 3 options are
available for FS time; FS time is set by external resistors (Rfs). This function can be turned off by setting
short between FS and VIN pins or FS to be open.


Similar Part No. - ELM901FXA

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM901F ELM-ELM901F Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
ELM901F-SERIES ELM-ELM901F-SERIES Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
logo
ELM Technology Corporat...
ELM901FAA-S ELM-TECH-ELM901FAA-S Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
ELM901FBA-S ELM-TECH-ELM901FBA-S Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
More results

Similar Description - ELM901FXA

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3140B SGMICRO-SGM3140B Datasheet
431Kb / 14P
   Charge Pump LED Driver
SGM3141 SGMICRO-SGM3141 Datasheet
385Kb / 14P
   Charge Pump LED Driver
SGM3140 SGMICRO-SGM3140 Datasheet
918Kb / 14P
   Charge Pump LED Driver
SGM3141B SGMICRO-SGM3141B Datasheet
398Kb / 14P
   Charge Pump LED Driver
logo
Semtech Corporation
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
   Charge Pump Flash LED Driver
SC635 SEMTECH-SC635 Datasheet
362Kb / 12P
   Charge Pump Flash LED Driver
logo
ON Semiconductor
NCP5608 ONSEMI-NCP5608 Datasheet
190Kb / 16P
   Multiple LED Charge Pump Driver
June, 2006 ??Rev. 1
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
logo
Semtech Corporation
SC615A SEMTECH-SC615A Datasheet
207Kb / 12P
   Charge Pump Flash LED Driver
logo
California Micro Device...
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com