Electronic Components Datasheet Search
  English  ▼

X  

ELM901FXA Datasheet(PDF) 7 Page - ELM Technology Corporation

Part # ELM901FXA
Description  Charge Pump LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM901FXA Datasheet(HTML) 7 Page - ELM Technology Corporation

Back Button ELM901FXA Datasheet HTML 3Page - ELM Technology Corporation ELM901FXA Datasheet HTML 4Page - ELM Technology Corporation ELM901FXA Datasheet HTML 5Page - ELM Technology Corporation ELM901FXA Datasheet HTML 6Page - ELM Technology Corporation ELM901FXA Datasheet HTML 7Page - ELM Technology Corporation ELM901FXA Datasheet HTML 8Page - ELM Technology Corporation ELM901FXA Datasheet HTML 9Page - ELM Technology Corporation ELM901FXA Datasheet HTML 10Page - ELM Technology Corporation ELM901FXA Datasheet HTML 11Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
ELM901FxA 1A 2x Charge Pump LED Driver
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input voltage range
Vin
2.6
4.4
V
current consumption under
still condition 1
Iqs1
1x mode, Iled=0mA
300
550
μA
current consumption under
still condition 2
Iqs2
2x mode, Iled=0mA
9
16
mA
Standby current
Isd
EN1=EN2=0V
0.1
1.0
μA
LED current
LED current ratio1
(Iled/Iset1/2)
Iled1 Vin=3.8V, Iled=200mA, Vf=3.3V
typ.×
0.96
3250
typ.×
1.04 mA/mA
LED current ratio2
(Iled/Iset1/2)
Iled2 Vin=3.3 to 4.4V,
Iled=200 to 800mA
typ.×
0.90
3250
typ.×
1.10 mA/mA
Iled dropout voltage1
Vled1
(Min.)
Mode switch threshold voltage,
Iled=300mA
125
225
mV
Iled dropout voltage2
Vled2
(Min.)
Mode switch threshold voltage,
Iled=150mA
80
100
120
mV
Mode switch delay time1
Td1
EN1=High, EN2=Low
100
150
200
ms
Mode switch delay time2
Td2
EN1=Low or High, EN2=High
1
2
3
ms
LED current on time
LED(on) since EN is ON until LED current
starts
50
130
250
μs
Current capability
Iled
(Max.)
Vin=3.3V, EN1=EN2=High, set
Iled=1A, VF=4.6V
900
mA
LED current stablize time1
TIled1 Iled=0mA→200mA
40
μs
LED current stablize time2
TIled2 Iled=200mA→700mA
60
μs
LED current during soft
step-up
Iled
(soft) set Iled=700mA
250
350
450
mA
Charge pump
Soft step-up
Tsoft Iled=700mA, Vo=3.7V→5.2V
75
150
300
μs
1x mode output voltage
Vo(x1) Iled=0mA
Vin
V
2x mode output voltage
Vo(x2) Iled=0mA
typ.×
0.95
5.5
typ.×
1.05
V
1x mode output impedance
Ro(x1) Vin=3.4V
0.25
0.37
Ω
2x mode output impedance
Ro(x2) (2Vin-Vo)/Io, Vin=3.2V,
Vo=5.1V
1.70
2.55
Ω
Oscillation frequency
Fosc
0.72
0.90
1.08
MHz
EN1, EN2
Output on control voltage
Vc(ON) Vin=2.9 to 4.4V, each pin
0.95
V
Output off control voltage
Vc(OFF) Vin=2.9 to 4.4V, each pin
0.45
V
EN bias current
Ic(ON) Ven=3.6V, each pin
20
50
μA
ISET1, ISET2
Reference voltage
Vref
Iset=50μA, each pin
1.202 1.220 1.238
V
ISET set current
Iset
each pin
310
μA
■Electrical characteristics
When conditions are not mentioned specifically, Vin=3.6V, Cin=C1=2.2μF, Co=4.7μF, Ta=25°C
11 -


Similar Part No. - ELM901FXA

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM901F ELM-ELM901F Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
ELM901F-SERIES ELM-ELM901F-SERIES Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
logo
ELM Technology Corporat...
ELM901FAA-S ELM-TECH-ELM901FAA-S Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
ELM901FBA-S ELM-TECH-ELM901FBA-S Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
More results

Similar Description - ELM901FXA

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3140B SGMICRO-SGM3140B Datasheet
431Kb / 14P
   Charge Pump LED Driver
SGM3141 SGMICRO-SGM3141 Datasheet
385Kb / 14P
   Charge Pump LED Driver
SGM3140 SGMICRO-SGM3140 Datasheet
918Kb / 14P
   Charge Pump LED Driver
SGM3141B SGMICRO-SGM3141B Datasheet
398Kb / 14P
   Charge Pump LED Driver
logo
Semtech Corporation
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
   Charge Pump Flash LED Driver
SC635 SEMTECH-SC635 Datasheet
362Kb / 12P
   Charge Pump Flash LED Driver
logo
ON Semiconductor
NCP5608 ONSEMI-NCP5608 Datasheet
190Kb / 16P
   Multiple LED Charge Pump Driver
June, 2006 ??Rev. 1
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
logo
Semtech Corporation
SC615A SEMTECH-SC615A Datasheet
207Kb / 12P
   Charge Pump Flash LED Driver
logo
California Micro Device...
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com