Electronic Components Datasheet Search
  English  ▼

X  

ELM901FXA Datasheet(PDF) 8 Page - ELM Technology Corporation

Part # ELM901FXA
Description  Charge Pump LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM901FXA Datasheet(HTML) 8 Page - ELM Technology Corporation

Back Button ELM901FXA Datasheet HTML 3Page - ELM Technology Corporation ELM901FXA Datasheet HTML 4Page - ELM Technology Corporation ELM901FXA Datasheet HTML 5Page - ELM Technology Corporation ELM901FXA Datasheet HTML 6Page - ELM Technology Corporation ELM901FXA Datasheet HTML 7Page - ELM Technology Corporation ELM901FXA Datasheet HTML 8Page - ELM Technology Corporation ELM901FXA Datasheet HTML 9Page - ELM Technology Corporation ELM901FXA Datasheet HTML 10Page - ELM Technology Corporation ELM901FXA Datasheet HTML 11Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Parameter
Symbol
Condition
Min.
Typ.
Max. Unit
Short protection circuit
Iled limit when ISET is short
Iled
(short)
ISET1&2 turn Iled to be OFF
for short protection, Vin=3.9V,
Vled=1.0V, 2x operation
1.5
A
VO short protection detection
voltage
Vo
(short)
Iled is OFF when short protection
is activated
0.45
0.60
0.95
V
VO short current
Ishort Vin=3.6V
30
mA
Thermal protection circuit
Thermal protection circuit
OHP Iled is OFF when thermal
protection circuit is activated
150
°C
Fail safe circuit
Fail safe set range
Tfs
(range)
* Fail safe function is OFF when
FS-VIN is short or open.
0.2
1.0
s
Fail safe time1
Tfs1
0.80
1.00
1.20
s
Fail safe time2
Tfs2
0.16
0.20
0.24
s
Fail safe time3
Tfs3
0.40
0.50
0.60
s
Fail safe current
Ifs
10
15
20
μA
FS threshold voltage1
Vfs1
0.120 0.150 0.180
V
FS threshold voltage2
Vfs2
0.405 0.450 0.495
V
FS threshold voltage3
Vfs3
1.080 1.220 1.360
V
ELM901FxA 1A 2x Charge Pump LED Driver
Parameter
Condition
EN logic & LED current
EN logic
EN1
EN2
* EN1 & EN2 will be in standby mode when being
pulled down to be open.
Standby(output OFF)
0
0
Low current
1
0
High current
0
1
Low+High current
1
1
■Marking
11 -
• QFN16-4x4 package : ELM901FAA
• QFN16-3x3 package : ELM901FBA
ELM
bc
901FAA
a
ELM
bc
901FBA
a
Mark
Content
ELM901FAA
Name
abc
(000 to 999)
Assembly lot No.
Mark
Content
ELM901FBA
Name
abc
(000 to 999)
Assembly lot No.


Similar Part No. - ELM901FXA

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM901F ELM-ELM901F Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
ELM901F-SERIES ELM-ELM901F-SERIES Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
logo
ELM Technology Corporat...
ELM901FAA-S ELM-TECH-ELM901FAA-S Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
ELM901FBA-S ELM-TECH-ELM901FBA-S Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
More results

Similar Description - ELM901FXA

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3140B SGMICRO-SGM3140B Datasheet
431Kb / 14P
   Charge Pump LED Driver
SGM3141 SGMICRO-SGM3141 Datasheet
385Kb / 14P
   Charge Pump LED Driver
SGM3140 SGMICRO-SGM3140 Datasheet
918Kb / 14P
   Charge Pump LED Driver
SGM3141B SGMICRO-SGM3141B Datasheet
398Kb / 14P
   Charge Pump LED Driver
logo
Semtech Corporation
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
   Charge Pump Flash LED Driver
SC635 SEMTECH-SC635 Datasheet
362Kb / 12P
   Charge Pump Flash LED Driver
logo
ON Semiconductor
NCP5608 ONSEMI-NCP5608 Datasheet
190Kb / 16P
   Multiple LED Charge Pump Driver
June, 2006 ??Rev. 1
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
logo
Semtech Corporation
SC615A SEMTECH-SC615A Datasheet
207Kb / 12P
   Charge Pump Flash LED Driver
logo
California Micro Device...
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com