Electronic Components Datasheet Search
  English  ▼

X  

ELM901FXA Datasheet(PDF) 1 Page - ELM Technology Corporation

Part # ELM901FXA
Description  Charge Pump LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM901FXA Datasheet(HTML) 1 Page - ELM Technology Corporation

  ELM901FXA Datasheet HTML 1Page - ELM Technology Corporation ELM901FXA Datasheet HTML 2Page - ELM Technology Corporation ELM901FXA Datasheet HTML 3Page - ELM Technology Corporation ELM901FXA Datasheet HTML 4Page - ELM Technology Corporation ELM901FXA Datasheet HTML 5Page - ELM Technology Corporation ELM901FXA Datasheet HTML 6Page - ELM Technology Corporation ELM901FXA Datasheet HTML 7Page - ELM Technology Corporation ELM901FXA Datasheet HTML 8Page - ELM Technology Corporation ELM901FXA Datasheet HTML 9Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Parameter
Symbol
Limit
Unit
VIN voltage
Vin
GND-0.3 to 6
V
VO voltage
Vo
GND-0.3 to 6
V
EN1,EN2 voltage
Ven
GND-0.3 to Vin+0.3
V
VO current, LED current
Io, Iled
1500 *
mA
Operating temperature
Top
-40 to +85
°C
Storage temperature
Tstg
-40 to +125
°C
ELM901FxA 1A 2x Charge Pump LED Driver
ELM901FxA-S
Symbol
a
Package
F: QFN
b
Package type
A: QFN16-4x4
B: QFN16-3x3(under development)
c
Product version
A
d
Taping direction
S: Refer to PKG file
ELM901 F x A - S
↑ ↑ ↑ ↑
a b c d
■General description
■Features
■Maximum absolute ratings
■Selection Guide
• Camera light supply
• High luminosity LED flashlight
■Application
11 -
• Low voltage operation
: 2.6V-4.4V
• Low power operation
: 300μA(1x), 9mA(2x)
• Low standby current
: Max.1μA
• Large output current
: Max.1A
• LED protection
: high current lightening timer
• Internal LED constant current circuit
: external resistance program
• Soft-start
: LED current start and switch of 1x & 2x mode
• Package
: QFN16-4x4,
QFN16-3x3(under development)
• Thermal shutdown function included
ELM901FxA is a high current LED driver with internal automatic mode switch pump circuit of pass-through
mode (1x mode) and boost charge mode (2x mode) and constant current drive circuit; maximum output current
of ELM901 series can reach 1A. ELM901 series is ideally suited for high luminosity white LED electrical
applications which are powered by 1-cell lithium-ion/polymer battery. The required external parts of ELM901
series can be limited to the minimum of 3 capacitors and 3 programming resistors. With 4mm x 4mm & 3mm x
3mm QFN package, ELM901 series is possible to be assembled within limited space.
The sink current, which can be switched to 3 different kinds by enable signal during operation,of LED pin is
set by external programming resistors. For LED protection, it is possible to set high current lighting timer with
external resistor; the light will be turned off forcibly by timer (3 options among 0.2 sec. to 1 sec.).
Built-in soft-start circuitry makes ELM901 series be able to limit excessive power during start-up and switch
of 1x & 2x mode.
* Based on long-term current denslty limitations. Assumes an operating duty cycle of ≤ 10% under absolute maximum conditions for
durations less than 10 seconds. Max current for continuous operation is 600mA.


Similar Part No. - ELM901FXA

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM901F ELM-ELM901F Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
ELM901F-SERIES ELM-ELM901F-SERIES Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
logo
ELM Technology Corporat...
ELM901FAA-S ELM-TECH-ELM901FAA-S Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
ELM901FBA-S ELM-TECH-ELM901FBA-S Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
More results

Similar Description - ELM901FXA

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3140B SGMICRO-SGM3140B Datasheet
431Kb / 14P
   Charge Pump LED Driver
SGM3141 SGMICRO-SGM3141 Datasheet
385Kb / 14P
   Charge Pump LED Driver
SGM3140 SGMICRO-SGM3140 Datasheet
918Kb / 14P
   Charge Pump LED Driver
SGM3141B SGMICRO-SGM3141B Datasheet
398Kb / 14P
   Charge Pump LED Driver
logo
Semtech Corporation
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
   Charge Pump Flash LED Driver
SC635 SEMTECH-SC635 Datasheet
362Kb / 12P
   Charge Pump Flash LED Driver
logo
ON Semiconductor
NCP5608 ONSEMI-NCP5608 Datasheet
190Kb / 16P
   Multiple LED Charge Pump Driver
June, 2006 ??Rev. 1
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
logo
Semtech Corporation
SC615A SEMTECH-SC615A Datasheet
207Kb / 12P
   Charge Pump Flash LED Driver
logo
California Micro Device...
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com