Electronic Components Datasheet Search
  English  ▼

X  

ELM901FXA Datasheet(PDF) 2 Page - ELM Technology Corporation

Part # ELM901FXA
Description  Charge Pump LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM901FXA Datasheet(HTML) 2 Page - ELM Technology Corporation

  ELM901FXA Datasheet HTML 1Page - ELM Technology Corporation ELM901FXA Datasheet HTML 2Page - ELM Technology Corporation ELM901FXA Datasheet HTML 3Page - ELM Technology Corporation ELM901FXA Datasheet HTML 4Page - ELM Technology Corporation ELM901FXA Datasheet HTML 5Page - ELM Technology Corporation ELM901FXA Datasheet HTML 6Page - ELM Technology Corporation ELM901FXA Datasheet HTML 7Page - ELM Technology Corporation ELM901FXA Datasheet HTML 8Page - ELM Technology Corporation ELM901FXA Datasheet HTML 9Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
■Pin Configuration
ELM901FxA 1A 2x Charge Pump LED Driver
QFN16-4x4(TOP VIEW)
4
3
2
1
16
15
14
13
12
11
10
9
8
7
6
5
QFN16-4x4(BOTTOM VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Pin no.
Pin name
1
ISET2
2
ISET1
3
EN2
4
EN1
5
AGND
6
FS
7
VIN
8
PGND1
9
CM
10
PVIN
11
CP
12
NC
13
VO
14
NC
15
PGND2
16
LED
QFN16-3x3(TOP VIEW)
QFN16-3x3(BOTTOM VIEW)
4
3
2
1
16
15
14
13
12 11 10
9
8
7
6
5
1
2
3
4
5
6
7
8
9
10 11 12
13
14
15
16
11 -
■Pin description
ISET2 : LED current setting 2
The pin that is for the connection of LED current setting resistor(Rset2) between ISET2-GND. The output
becomes 1.22V constantly when EN2 is high. The constant current of LED pin will be 3250x of the one
flows to ISET2.
(e.g.) when Rset2=6.8kΩ, Iled=1.22/6.8k×3250=583mA.
ISET1 : LED current setting 1
The pin that is for the connection of LED current setting resistor(Rset1) between ISET1-GND. The output
becomes 1.22V constantly when EN1 is high. The constant current of LED pin will be 3250x of the one
flows to ISET1.
(e.g.) when Rset1=20kΩ, Iled=1.22/20k×3250=198.3mA.
EN2 : on/off control 2
LED output current on/off control pin of set current of ISET2. This pin is pulled down to ground inside
the IC and the control logic is high active. The set current of ISET2 sinks from LED pin when this pin is
connected to VIN.


Similar Part No. - ELM901FXA

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM901F ELM-ELM901F Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
ELM901F-SERIES ELM-ELM901F-SERIES Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
logo
ELM Technology Corporat...
ELM901FAA-S ELM-TECH-ELM901FAA-S Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
ELM901FBA-S ELM-TECH-ELM901FBA-S Datasheet
1Mb / 11P
   1A 2x Charge Pump LED Driver
More results

Similar Description - ELM901FXA

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3140B SGMICRO-SGM3140B Datasheet
431Kb / 14P
   Charge Pump LED Driver
SGM3141 SGMICRO-SGM3141 Datasheet
385Kb / 14P
   Charge Pump LED Driver
SGM3140 SGMICRO-SGM3140 Datasheet
918Kb / 14P
   Charge Pump LED Driver
SGM3141B SGMICRO-SGM3141B Datasheet
398Kb / 14P
   Charge Pump LED Driver
logo
Semtech Corporation
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
   Charge Pump Flash LED Driver
SC635 SEMTECH-SC635 Datasheet
362Kb / 12P
   Charge Pump Flash LED Driver
logo
ON Semiconductor
NCP5608 ONSEMI-NCP5608 Datasheet
190Kb / 16P
   Multiple LED Charge Pump Driver
June, 2006 ??Rev. 1
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
logo
Semtech Corporation
SC615A SEMTECH-SC615A Datasheet
207Kb / 12P
   Charge Pump Flash LED Driver
logo
California Micro Device...
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com