Electronic Components Datasheet Search
  English  ▼

X  

WM8321 Datasheet(PDF) 226 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 226 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 222Page - Cirrus Logic WM8321 Datasheet HTML 223Page - Cirrus Logic WM8321 Datasheet HTML 224Page - Cirrus Logic WM8321 Datasheet HTML 225Page - Cirrus Logic WM8321 Datasheet HTML 226Page - Cirrus Logic WM8321 Datasheet HTML 227Page - Cirrus Logic WM8321 Datasheet HTML 228Page - Cirrus Logic WM8321 Datasheet HTML 229Page - Cirrus Logic WM8321 Datasheet HTML 230Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 253 page
background image
WM8321
Production Data
w
PD, February 2012, Rev 4.0
226
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30727
(7807h)
Unique ID 8
15:0
UNIQUE_ID
[15:0]
0000_0000
_0000_000
0
Unique ID, Word 0
Register 7807h
Unique ID 8
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30736
(7810h)
Customer
OTP ID
15
OTP_AUTO_P
ROG
0
If this bit is set when bootstrap data is loaded from ICE
(in development mode), then the ICE contents will be
programmed in the OTP.
14:1
OTP_CUST_ID
[13:0]
00_0000_0
000_0000
This field is checked when an ‘ON’ transition is
requested. A non-zero value is used to confirm valid
data.
0
OTP_CUST_FI
NAL
0
If OTP_CUST_FINAL is set in the OTP and also set in
the DCRW, then no further Writes are possible to the
OTP.
Register 7810h
Customer OTP ID
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30737
(7811h) DC1
OTP Control
15:13
DC2_ON_SLO
T [2:0]
000
DC-DC2 ON Slot select
000 = Do not enable
001 = Enable in Timeslot 1
010 = Enable in Timeslot 2
011 = Enable in Timeslot 3
100 = Enable in Timeslot 4
101 = Enable in Timeslot 5
110 = Controlled by Hardware Enable 1
111 = Controlled by Hardware Enable 2
12:8
DC2_ON_VSE
L [6:2]
0_0000
DC-DC2 ON Voltage select
DC2_ON_VSEL [6:0] selects the DC-DC2 output
voltage from 0.6V to 1.8V in 12.5mV steps.
DC2_ON_VSEL [6:2] controls the voltage in 50mV
steps.
DC2_ON_VSEL [6:0] is coded as follows:
00h to 08h = 0.6V
09h = 0.6125V
…
48h = 1.4V (see note)
…
67h = 1.7875V
68h to 7Fh = 1.8V
Note - Maximum output voltage selection in 4MHz
switching mode is 48h (1.4V).
7:5
DC1_ON_SLO
T [2:0]
000
DC-DC1 ON Slot select
000 = Do not enable
001 = Enable in Timeslot 1
010 = Enable in Timeslot 2
011 = Enable in Timeslot 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com