Electronic Components Datasheet Search
  English  ▼

X  

MPXM2010D Datasheet(PDF) 321 Page - Motorola, Inc

Part # MPXM2010D
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010D Datasheet(HTML) 321 Page - Motorola, Inc

Back Button MPXM2010D Datasheet HTML 317Page - Motorola, Inc MPXM2010D Datasheet HTML 318Page - Motorola, Inc MPXM2010D Datasheet HTML 319Page - Motorola, Inc MPXM2010D Datasheet HTML 320Page - Motorola, Inc MPXM2010D Datasheet HTML 321Page - Motorola, Inc MPXM2010D Datasheet HTML 322Page - Motorola, Inc MPXM2010D Datasheet HTML 323Page - Motorola, Inc MPXM2010D Datasheet HTML 324Page - Motorola, Inc MPXM2010D Datasheet HTML 325Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 670 page
background image
MPXV4115V SERIES
3–175
Motorola Sensor Device Data
www.motorola.com/semiconductors
MAXIMUM RATINGS(NOTE)
Parametrics
Symbol
Value
Unit
Maximum Pressure
Pmax
400
kPa
Storage Temperature
Tstg
– 40 to + 125
°C
Operating Temperature
TA
–40 to + 125
°C
NOTE: Exposure beyond the specified limits may cause permanent damage or degradation to the device.
OPERATING CHARACTERISTICS (VS = 5 Vdc, TA = 25° C unless otherwise noted. Decoupling circuit shown in Figure 3 required to
meet electrical specifications.)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range (Differential mode, Vacuum on metal cap side, Atmo-
spheric pressure on back side)
POP
–115
—
0
kPa
Supply Voltage(1)
VS
4.75
5
5.25
Vdc
Supply Current
Io
—
6.0
10
mAdc
Full Scale Output (2) (0 to 85
° C)
(Pdiff = 0 kPa) 2
VFSO
4.535
4.6
4.665
Vdc
Full Scale Span (3) (0 to 85
° C)
@Vs = 5.0 V
VFSS
4.4
Vdc
Accuracy (4) (0 to 85
° C)
—
—
1.5%
%VFSS
Sensitivity
V/P
—
38.26
—
mV/kPa
Response Time (5)
tR
—
1.0
—
ms
Output Source Current at Full Scale Output
Io
—
0.1
—
mAdc
Warm–Up Time (6)
—
—
20
—
ms
Offset Stability (7)
—
±0.5
—
%VFSS
NOTES:
1. Device is ratiometric within the specified excitation voltage range.
2. Full–scale output is defined as the output voltage at the maximum or full–rated pressure.
3. Full–scale span is defined as the algebraic difference between the output voltage at full–rated pressure and the output voltage at the mini-
mum–rated pressure.
4. Accuracy is the deviation in actual output from nominal output over the entire pressure range and temperature range as a percent of span
at 25
° C due to all sources of errors, including the following:
• Linearity:
Output deviation from a straight line relationship with pressure over the specified pressure range.
• Temperature Hysteresis: Output deviation at any temperature within the operating temperature range, after the temperature is
cycled to and from the minimum or maximum operating temperature points, with zero differential
pressure applied.
• Pressure Hysteresis:
Output deviation at any pressure within the specified range, when this pressure is cycled to and from
minimum or maximum rated pressure at 25
°C.
• TcSpan:
Output deviation over the temperature range of 0
° to 85°C, relative to 25°C.
• TcOffset:
Output deviation with minimum pressure applied, over the temperature range of 0
° to 85°C, relative
to 25
°C.
5. Response Time is defined as the time for the incremental change in the output to go from 10% to 90% of its final value when subjected to
a specified step change in pressure.
6. Warm–up Time is defined as the time required for the product to meet the specified output voltage after the pressure has been stabilized.
7. Offset Stability is the product’s output deviation when subjected to 1000 cycles of Pulsed Pressure, Temperature Cycling with Bias Test.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com