Electronic Components Datasheet Search
  English  ▼

X  

MPXM2010D Datasheet(PDF) 328 Page - Motorola, Inc

Part # MPXM2010D
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010D Datasheet(HTML) 328 Page - Motorola, Inc

Back Button MPXM2010D Datasheet HTML 324Page - Motorola, Inc MPXM2010D Datasheet HTML 325Page - Motorola, Inc MPXM2010D Datasheet HTML 326Page - Motorola, Inc MPXM2010D Datasheet HTML 327Page - Motorola, Inc MPXM2010D Datasheet HTML 328Page - Motorola, Inc MPXM2010D Datasheet HTML 329Page - Motorola, Inc MPXM2010D Datasheet HTML 330Page - Motorola, Inc MPXM2010D Datasheet HTML 331Page - Motorola, Inc MPXM2010D Datasheet HTML 332Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 670 page
background image
MPXV5004G SERIES
3–182
Motorola Sensor Device Data
www.motorola.com/semiconductors
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing silicone gel which
isolates the die from the environment. The Motorola pressure
sensor is designed to operate with positive differential pres-
sure applied, P1 > P2.
The Pressure (P1) side may be identified by using the table
below:
Part Number
Case Type
Pressure (P1) Side Identifier
MPXV5004GC6U/T1
482A
Side with Port Attached
MPXV5004G6U/T1
482
Stainless Steel Cap
MPXV5004GC7U
482C
Side with Port Attached
MPXV5004G7U
482B
Stainless Steel Cap
MPXV5004GP
1369
Side with Port Attached
MPXV5004DP
1351
Side with Port Marking
MPXV5004GVP
1368
Stainless Steel Cap
ORDERING INFORMATION
MPXV5004G series pressure sensors are available in the basic element package or with a pressure port. Two packing
options are offered for the surface mount configuration.
Device Type / Order No
Case No
Packing Options
Device Marking
Device Type / Order No.
Case No.
Packing Options
Device Marking
MPXV5004G6U
482
Rails
MPXV5004G
MPXV5004G6T1
482
Tape and Reel
MPXV5004G
MPXV5004GC6U
482A
Rails
MPXV5004G
MPXV5004GC6T1
482A
Tape and Reel
MPXV5004G
MPXV5004GC7U
482C
Rails
MPXV5004G
MPXV5004G7U
482B
Rails
MPXV5004G
MPXV5004GP
1369
Trays
MPXV5004G
MPXV5004DP
1351
Trays
MPXV5004G
MPXV5004GVP
1368
Trays
MPXV5004G
INFORMATION FOR USING THE SMALL OUTLINE PACKAGE (CASE 482)
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the surface mount packages must
be the correct size to ensure proper solder connection inter-
face between the board and the package. With the correct
fottprint, the packages will self align when subjected to a
solder reflow process. It is always recommended to design
boards with a solder mask layer to avoid bridging and short-
ing between solder pads.
0.660
16.76
0.060 TYP 8X
1.52
0.100 TYP 8X
2.54
0.100 TYP 8X
2.54
0.300
7.62
Figure 5. SOP Footprint (Case 482)
inch
mm
SCALE 2:1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com