Electronic Components Datasheet Search
  English  ▼

X  

MPXM2010D Datasheet(PDF) 342 Page - Motorola, Inc

Part # MPXM2010D
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010D Datasheet(HTML) 342 Page - Motorola, Inc

Back Button MPXM2010D Datasheet HTML 338Page - Motorola, Inc MPXM2010D Datasheet HTML 339Page - Motorola, Inc MPXM2010D Datasheet HTML 340Page - Motorola, Inc MPXM2010D Datasheet HTML 341Page - Motorola, Inc MPXM2010D Datasheet HTML 342Page - Motorola, Inc MPXM2010D Datasheet HTML 343Page - Motorola, Inc MPXM2010D Datasheet HTML 344Page - Motorola, Inc MPXM2010D Datasheet HTML 345Page - Motorola, Inc MPXM2010D Datasheet HTML 346Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 670 page
background image
AN936
3–196
Motorola Sensor Device Data
www.motorola.com/semiconductors
PORT ADAPTERS
Available Packages
Motorola’s chip–carrier package and available ports for
attachment of 1/8
″ I.D. hose are made from a high
temperature thermoplastic that can withstand temperature
extremes from –50 to 150
°C (see Figure 2). The port adapters
were designed for rivet or 5/32
″ screw attachment to panels,
printed circuit boards or chassis mounting.
Custom Port Adaptor Installation Techniques
The Motorola MPX silicon pressure sensor is available in a
basic chip carrier cell which is adaptable for attachment to
customer specific housings/ports (Case 344 for 4–pin devices
and Case 867 for 6–pin devices).
The basic cell has
chamfered shoulders on both sides which will accept an
O–ring
such
as
Parker
Seal’s
silicone
O–ring
(p/n#2–015–S–469–40).
Refer
to
Figure
3
for
the
recommended O–ring to sensor cell interface dimensions.
The sensor cell may also be glued directly to a custom
housing or port using many commercial grade epoxies or RTV
adhesives which adhere to grade Valox 420, 30% glass
reinforced polyester resin plastic or Union Carbide’s Udel
®
polysulfone (MPX2300DT1 only).
Motorola recommends
using
Thermoset EP530 epoxy or an equivalent. The epoxy
should be dispensed in a continuous bead around the
case–to–port interface shoulder. Refer to Figure 4. Care must
be taken to avoid gaps or voids in the adhesive bead to help
ensure that a complete seal is made when the cell is joined to
the port. The recommended cure conditions for
Thermoset
EP539 are 15 minutes at 150
°C. After cure, a simple test for
gross leaks should be performed to ensure the integrity of the
cell to port bond.
Submerging the device in water for 5
seconds with full rated pressure applied to the port nozzle and
checking for air bubbles will provide a good indication.
TESTING MPX SERIES PRESSURE SENSORS
Pressure Connection
Testing of pressure sensing elements in the chip carrier
package can be performed easily by using a clamping fixture
which has an O–ring seal to attach to the beveled surface.
Figure 8 shows a diagram of the fixture that Motorola uses to
apply pressure or vacuum to unported elements.
When performing tests on packages with ports, a high
durometer tubing is necessary to minimize leaks, especially in
higher pressure range sensors. Removal of tubing must be
parallel to the port since large forces can be generated to the
pressure port which can break the nozzle if applied at an
angle. Whether sensors are tested with or without ports, care
must be exercised so that force is not applied to the back metal
cap or offset errors can result.
Standard Port Attach Connection
Motorola also offers standard port options designed to
accept readily available silicone, vinyl, nylon or polyethylene
tubing for the pressure connection. The inside dimension of
the tubing selected should provide a snug fit over the port
nozzle. Installation and removal of tubing from the port nozzle
must be parallel to the nozzle to avoid undue stress which may
break the nozzle from the port base. Whether sensors are
used with Motorola’s standard ports or customer specific
housings, care must be taken to ensure that force is uniformly
distributed to the package or offset errors may be induced.
Figure 3. Examples of Motorola Sensors
in Custom Housings
Figure 4. Case to Port Interface
.114
.047
0
.125
.075
.037R
0
.021
.210
″
CELL
ADHESIVE BEAD
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com