Electronic Components Datasheet Search
  English  ▼

X  

MPXM2010D Datasheet(PDF) 355 Page - Motorola, Inc

Part # MPXM2010D
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010D Datasheet(HTML) 355 Page - Motorola, Inc

Back Button MPXM2010D Datasheet HTML 351Page - Motorola, Inc MPXM2010D Datasheet HTML 352Page - Motorola, Inc MPXM2010D Datasheet HTML 353Page - Motorola, Inc MPXM2010D Datasheet HTML 354Page - Motorola, Inc MPXM2010D Datasheet HTML 355Page - Motorola, Inc MPXM2010D Datasheet HTML 356Page - Motorola, Inc MPXM2010D Datasheet HTML 357Page - Motorola, Inc MPXM2010D Datasheet HTML 358Page - Motorola, Inc MPXM2010D Datasheet HTML 359Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 670 page
background image
AN1100
3–209
Motorola Sensor Device Data
www.motorola.com/semiconductors
A/D
MPU
+V
G
OUTPUT
CIRCUITRY
G
D/A
Figure 2. Expanded Block Diagram
Vm
Vc
D
Control
C
M
M
ANALOG CIRCUITRY
–
Σ
Figure 2 shows the block diagram of a system that can be
used to reduce the inaccuracies caused by the limited A/D
resolution. The microprocessor would use the stored value M,
as described above, to cause a D/A to output the
corresponding voltage, Vc. Vc is subtracted from the
measured voltage, Vm, using a differential amplifier, and the
resulting voltage is amplified. Assuming a gain, G, of 10 for the
amplifier, the output would be:
D
+ (Vm–Vc)
G
(9)
+ (2790 mV–2783 mV)
10
+ 70 mV
The microprocessor will receive the following count from the
A/D:
C
+ 70mV 19.60 mV count
(10)
+ 3.6
+ 3 full counts
The microprocessor then computes the actual pressure
with the following equations:
Expanded Voltage
+ Vc ) C
R) G)(11)
+ 2783 ) 3
19.60) 10)
+ 2789 mV,
NOTE: R is resolution of 8-bit d/A
Corresponding Pressure
+ 2789 mV
(12)
+ 22.5 mV kPa
+ 123.9 kPa
Thus the error is:
Pressure Error
+ Actual – Measured
(13)
+ 124 kPa – 123.9 kPa
+ 0.1 kPa
Figures 3 and 4 together provide a more detailed
description of the analog portion of this system.
+V
R3
R2
R5
R8
R9
R10
A1
A2
+
R7
+V
Vm (to Second Stage)
Figure 3. First Stage – Differential Amplifier, Offset Adjust and Gain Adjust
R4
R6
R1
–
+
–
Note: R7 = R2, R1 = R6
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com