Electronic Components Datasheet Search
  English  ▼

X  

MPXM2010D Datasheet(PDF) 391 Page - Motorola, Inc

Part # MPXM2010D
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010D Datasheet(HTML) 391 Page - Motorola, Inc

Back Button MPXM2010D Datasheet HTML 387Page - Motorola, Inc MPXM2010D Datasheet HTML 388Page - Motorola, Inc MPXM2010D Datasheet HTML 389Page - Motorola, Inc MPXM2010D Datasheet HTML 390Page - Motorola, Inc MPXM2010D Datasheet HTML 391Page - Motorola, Inc MPXM2010D Datasheet HTML 392Page - Motorola, Inc MPXM2010D Datasheet HTML 393Page - Motorola, Inc MPXM2010D Datasheet HTML 394Page - Motorola, Inc MPXM2010D Datasheet HTML 395Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 670 page
background image
AN1315
3–245
Motorola Sensor Device Data
www.motorola.com/semiconductors
OPERATIONAL CHARACTERISTICS
The following operational characteristics are included as a
guide to operation.
Characteristic
Symbol
Min
Max
Unit
Power Supply Voltage
+12
10.75
16
Volts
Operating Current
ICC
75
mA
Full Scale Pressure
MPX2010
MPX2050
MPX2100
MPX2200
Pfs
1.5
7.5
15
30
PSI
PSI
PSI
PSI
PIN–BY–PIN DESCRIPTION
+12:
Input power is supplied at the +12 terminal. The minimum
operating voltage is 10.75 Vdc and the maximum operating
voltage is 16 Vdc.
GND:
The ground terminal is the power supply return for the system.
TP1:
Test point 1 is connected to the final op amp stage. It is the
voltage that is applied to the microprocessor’s A/D converter.
There are two ports on the pressure sensor located at the
bottom center of the printed circuit board. The pressure port
is on the top left and the vacuum port is on the bottom right of
the sensor.
–
+
–
+
–
+
+
–
PD1
2–A2
PD2
2–A3
PD3
2–A3
PD4
2–A3
PD5
2–A3
PD6
2–A3
PD7
2–A3
+12 IN
GROUND
P1
1N4002
D1
1
µF
+
C1
U4
78L08
IN
OUT
GROUND
U3
78L05
IN
OUT
GROUND
1
µF
+
0.1
C2
C3
+5 V
+8
R12
R13
R14
VRH
2–D4
VRL
2–D4
402
3.32K
1
µF
+
C5
0.1
C4
CPU_RESET
2–B4
MC34064P–5
+IN
GND
OUT
U2
+5 V
+5 V
R11
4.7K
PD0
2–A2
TP1
+5 V
1N914
4.7K
R4
8
10
9
R5
2K
R6
2K
14
12
13
U1A
U1C
U1D
U1B
3
2
11
1
976
R9
1K
R10
340
R7
R8
23.7
+8
+8
14
23
XDCR1
121
R2
200
R3
6.98K
R1
5
6
4
7
+12 V
MC33274
D2
+5 V
7 x 47K
J1
J2
J3
J4
J5
J6
J7
SENSOR TYPE
SELECT
SLOPE ADJ.
Figure 3a. Schematic
J8 IS INSTALLED FOR
THE MPX2010 ONLY
J8
4.53K
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com