Electronic Components Datasheet Search
  English  ▼

X  

MPXM2010D Datasheet(PDF) 413 Page - Motorola, Inc

Part # MPXM2010D
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010D Datasheet(HTML) 413 Page - Motorola, Inc

Back Button MPXM2010D Datasheet HTML 409Page - Motorola, Inc MPXM2010D Datasheet HTML 410Page - Motorola, Inc MPXM2010D Datasheet HTML 411Page - Motorola, Inc MPXM2010D Datasheet HTML 412Page - Motorola, Inc MPXM2010D Datasheet HTML 413Page - Motorola, Inc MPXM2010D Datasheet HTML 414Page - Motorola, Inc MPXM2010D Datasheet HTML 415Page - Motorola, Inc MPXM2010D Datasheet HTML 416Page - Motorola, Inc MPXM2010D Datasheet HTML 417Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 670 page
background image
AN1316
3–267
Motorola Sensor Device Data
www.motorola.com/semiconductors
The following is a table of the components that are assembled on the DEVB160 Frequency Output Sensor Evaluation Board.
Table 2. Parts List
Designators
Quantity
Description
Manufacturer
Part Number
C1
1
1
µF Capacitor
C2
1
0.1
µF Capacitor
C3
1
0.01
µF Capacitor
C4
1
0.1
µF Capacitor
C5
1
10
µF Cap+
tantalum
C6
1
0.1
µF Capacitor
CN1
1
.15LS 3 Term
PHX Contact
1727023
D1
1
RED LED
Quality Tech.
MV57124A
R1
1
240
Ω resistor
R2, R9
2
1 k
Ω resistor
R3
1
4.3 k
Ω resistor
R4
1
1.5 k
Ω resistor
R5
1
7.5 k
Ω resistor
R6
1
120
Ω resistor
R7
1
820
Ω resistor
R8
1
620
Ω resistor
R10, R11
2
2 k
Ω resistor
R12
1
200
Ω Trimpot
Bourns
3386P–1–201
R13
1
1 k
Ω Trimpot
Bourns
3386P–1–102
S1
1
SPDT miniature switch
NKK
SS–12SDP2
TP1
1
YELLOW Testpoint
Control Design
TP–104–01–04
TP2
1
BLUE Testpoint
Control Design
TP–104–01–06
TP3
1
BLACK Testpoint
Control Design
TP–104–01–00
TP4
1
GREEN Testpoint
Control Design
TP–104–01–05
U1
1
Quad Op Amp
Motorola
MC33274
U2
1
8 V Regulator
Motorola
MC78L08ACP
U3
1
AD654
Analog Devices
AD654
U4
1
5 V Regulator
Motorola
MC78L05ACP
U5
1
Small–Signal FET
Motorola
BS107A
X1
1
Pressure Sensor
Motorola
MPX2100DP
NOTE: All resistors are 1/4 watt, 5% tolerance values. All capacitors are 50 V rated,
±20% tolerance values.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com